Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC63201T Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. CLRC63201T
Description  Standard multi-protocol reader solution
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC63201T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CLRC63201T Datasheet HTML 5Page - NXP Semiconductors CLRC63201T Datasheet HTML 6Page - NXP Semiconductors CLRC63201T Datasheet HTML 7Page - NXP Semiconductors CLRC63201T Datasheet HTML 8Page - NXP Semiconductors CLRC63201T Datasheet HTML 9Page - NXP Semiconductors CLRC63201T Datasheet HTML 10Page - NXP Semiconductors CLRC63201T Datasheet HTML 11Page - NXP Semiconductors CLRC63201T Datasheet HTML 12Page - NXP Semiconductors CLRC63201T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
CLRC632
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 27 February 2014
073937
9 of 127
NXP Semiconductors
CLRC632
Standard multi-protocol reader solution
9.1.3.2
Common read and write strobe
Refer to Section 13.4.2 on page 103 for timing specification.
9.1.3.3
Common read and write strobe: EPP with handshake
Refer to Section 13.4.3 on page 104 for timing specification.
Remark: In the EPP standard a chip select signal is not defined. To cover this situation,
the status of the NCS pin can be used to inhibit the nDStrb signal. If this inhibitor is not
used, it is mandatory that pin NCS is connected to pin DVSS.
Remark: After each Power-On or Hard reset, the nWait signal on pin A0 is
high-impedance. nWait is defined as the first negative edge applied to the nAStrb pin after
the reset phase. The CLRC632 does not support Read Address Cycle.
9.1.4 Serial Peripheral Interface
The CLRC632 provides compatibility with the 5-wire Serial Peripheral Interface (SPI)
standard and acts as a slave during the SPI communication. The SPI clock signal SCK
must be generated by the master. Data communication from the master to the slave uses
the MOSI line. The MISO line sends data from the CLRC632 to the master.
Fig 4.
Connection to microprocessor: common read and write strobes
001aak608
address bus (A3 to An)
NCS
A0 to A2
address bus (A0 to A2)
D0 to D7
ALE
data bus (D0 to D7)
HIGH
NRD
Data strobe (NDS)
NWR
Read/Write (R/NW)
DEVICE
ADDRESS
DECODER
non-multiplexed address
NCS
AD0 to AD7
ALE
multiplexed address/data (AD0 to AD7)
Address strobe (AS)
NRD
Data strobe (NDS)
NWR
Read/Write (R/NW)
A2
LOW
A1
HIGH
A0
LOW
DEVICE
ADDRESS
DECODER
Fig 5.
Connection to microprocessor: EPP common read/write strobes and handshake
001aak609
LOW
NCS
AD0 to AD7
ALE
multiplexed address/data (AD0 to AD7)
Address strobe (nAStrb)
NRD
Data strobe (nDStrb)
NWR
Read/Write (nWrite)
A2
HIGH
A1
HIGH
A0
nWait
DEVICE


Similar Part No. - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC63201T/0FE PHILIPS-CLRC63201T/0FE Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
More results

Similar Description - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
List of Unclassifed Manufacturers
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
   13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
NXP Semiconductors
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
Texas Instruments
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
NXP Semiconductors
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
WJ Communication. Inc.
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com