Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC63201T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CLRC63201T
Description  Standard multi-protocol reader solution
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC63201T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CLRC63201T Datasheet HTML 3Page - NXP Semiconductors CLRC63201T Datasheet HTML 4Page - NXP Semiconductors CLRC63201T Datasheet HTML 5Page - NXP Semiconductors CLRC63201T Datasheet HTML 6Page - NXP Semiconductors CLRC63201T Datasheet HTML 7Page - NXP Semiconductors CLRC63201T Datasheet HTML 8Page - NXP Semiconductors CLRC63201T Datasheet HTML 9Page - NXP Semiconductors CLRC63201T Datasheet HTML 10Page - NXP Semiconductors CLRC63201T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
CLRC632
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 27 February 2014
073937
7 of 127
NXP Semiconductors
CLRC632
Standard multi-protocol reader solution
9.
Functional description
9.1 Digital interface
9.1.1 Overview of supported microprocessor interfaces
The CLRC632 supports direct interfacing to various 8-bit microprocessors. Alternatively,
the CLRC632 can be connected to a PC’s Enhanced Parallel Port (EPP). Table 4 shows
the parallel interface signals supported by the CLRC632.
9.1.2 Automatic microprocessor interface detection
After a Power-On or Hard reset, the CLRC632 resets parallel microprocessor interface
mode and detects the microprocessor interface type.
The CLRC632 identifies the microprocessor interface using the logic levels on the control
pins. This is performed using a combination of fixed pin connections and the dedicated
Initialization routine (see Section 9.7.4 on page 30).
Table 4.
Supported microprocessor and EPP interface signals
Bus control signals
Bus
Separated address
and data bus
Multiplexed address and data bus
Separated read and
write strobes
control
NRD, NWR, NCS
NRD, NWR, NCS, ALE
address
A0, A1, A2
AD0, AD1, AD2, AD3, AD4, AD5
data
D0 to D7
AD0 to AD7
Common read and write
strobe
control
R/NW, NDS, NCS
R/NW, NDS, NCS, AS
address
A0, A1, A2
AD0, AD1, AD2, AD3, AD4, AD5
data
D0 to D7
AD0 to AD7
Common read and write
strobe with handshake
(EPP)
control
-
nWrite, nDStrb, nAStrb, nWait
address
-
AD0, AD1, AD2, AD3, AD4, AD5
data
-
AD0 to AD7


Similar Part No. - CLRC63201T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC63201T/0FE PHILIPS-CLRC63201T/0FE Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
More results

Similar Description - CLRC63201T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
   13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com