Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC63201T Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. CLRC63201T
Description  Standard multi-protocol reader solution
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC63201T Datasheet(HTML) 2 Page - NXP Semiconductors

  CLRC63201T Datasheet HTML 1Page - NXP Semiconductors CLRC63201T Datasheet HTML 2Page - NXP Semiconductors CLRC63201T Datasheet HTML 3Page - NXP Semiconductors CLRC63201T Datasheet HTML 4Page - NXP Semiconductors CLRC63201T Datasheet HTML 5Page - NXP Semiconductors CLRC63201T Datasheet HTML 6Page - NXP Semiconductors CLRC63201T Datasheet HTML 7Page - NXP Semiconductors CLRC63201T Datasheet HTML 8Page - NXP Semiconductors CLRC63201T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
CLRC632
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 27 February 2014
073937
2 of 127
NXP Semiconductors
CLRC632
Standard multi-protocol reader solution
The internal transmitter module (Section 9.9 on page 31) can directly drive an antenna
designed for a proximity operating distance up to 100 mm without any additional active
circuitry.
A parallel interface can be directly connected to any 8-bit microprocessor to ensure
reader/terminal design flexibility. In addition, Serial Peripheral Interface (SPI) compatibility
is supported (see Section 9.1.4 on page 9).
3.
Features and benefits
3.1 General
Highly integrated analog circuitry for demodulating and decoding card/label response
Buffered output drivers enable antenna connection using the minimum of external
components
Proximity operating distance up to 100 mm
Supports both ISO/IEC 14443 A and ISO/IEC 14443 B standards
Supports MIFARE dual-interface card ICs and the MIFARE Mini, MIFARE 1K,
MIFARE 4K protocols
Contactless communication at MIFARE higher baud rates (up to 424 kBd)
Supports both I-CODE1 and ISO/IEC 15693 protocols
Crypto1 and secure non-volatile internal key memory
Pin-compatible with the MFRC500, MFRC530, MFRC531 and the SLRC400
Parallel microprocessor interface with internal address latch and IRQ line
SPI compatibility
Flexible interrupt handling
Automatic detection of parallel microprocessor interface type
64-byte send and receive FIFO buffer
Hard reset with low power function
Software controlled Power-down mode
Programmable timer
Unique serial number
User programmable start-up configuration
Bit-oriented and byte oriented framing
Independent power supply pins for analog, digital and transmitter modules
Internal oscillator buffer optimized for low phase jitter enables 13.56 MHz quartz
connection
Clock frequency filtering
3.3 V to 5 V operation for transmitter in short range and proximity applications
3.3 V or 5 V operation for the digital module
4.
Applications
Electronic payment systems
Identification systems
Access control systems


Similar Part No. - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC63201T/0FE PHILIPS-CLRC63201T/0FE Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
More results

Similar Description - CLRC63201T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
List of Unclassifed Manufacturers
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
   13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
NXP Semiconductors
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
Texas Instruments
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
NXP Semiconductors
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
WJ Communication. Inc.
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com