Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1447 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1447
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1447 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1447 Datasheet HTML 2Page - Maxim Integrated Products MAX1447 Datasheet HTML 3Page - Maxim Integrated Products MAX1447 Datasheet HTML 4Page - Maxim Integrated Products MAX1447 Datasheet HTML 5Page - Maxim Integrated Products MAX1447 Datasheet HTML 6Page - Maxim Integrated Products MAX1447 Datasheet HTML 7Page - Maxim Integrated Products MAX1447 Datasheet HTML 8Page - Maxim Integrated Products MAX1447 Datasheet HTML 9Page - Maxim Integrated Products MAX1447 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs
with LED Drivers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(AVDD = DVDD = VDD = VLED = +2.7V to +5.25V, GND = 0, GLED = 0, external reference mode, REF+ = 2.048V, REF- = GND,
RANGE = 1, internal clock mode, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MAX1447/MAX1498)
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
100
200
300
400
500
600
700
0
2.75
5.25
ANALOG SUPPLY
DIGITAL SUPPLY
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MAX1496)
SUPPLY VOLTAGE (V)
4.74
4.23
3.72
3.21
450
500
550
600
650
700
400
2.70
5.25
SUPPLY CURRENT
vs. TEMPERATURE (MAX1447/MAX1498)
TEMPERATURE (
°C)
60
50
40
30
20
10
100
200
300
400
500
600
700
0
070
ANALOG SUPPLY
DIGITAL SUPPLY
SUPPLY CURRENT
vs. TEMPERATURE (MAX1496)
TEMPERATURE (°C)
60
35
-15
10
610
640
630
620
650
660
670
680
690
700
600
-40
85
SHUTDOWN CURRENT
vs. TEMPERATURE (MAX1447/MAX1498)
TEMPERATURE (
°C)
60
50
40
30
20
10
50
100
150
200
250
300
0
070
ANALOG SUPPLY
DIGITAL SUPPLY
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE (MAX1447/MAX1498)
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
50
100
150
200
250
300
0
2.75
5.25
ANALOG SUPPLY
DIGITAL SUPPLY
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE (MAX1496)
SUPPLY VOLTAGE (V)
4.74
4.23
3.72
3.21
50
150
100
200
250
300
350
0
2.70
5.25
OFFSET ERROR vs. SUPPLY VOLTAGE
(MAX1447/MAX1498)
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
-0.11
-0.06
-0.01
0.04
0.09
0.14
0.19
-0.16
2.75
5.25
SHUTDOWN CURRENT
vs. TEMPERATURE (MAX1496)
TEMPERATURE (°C)
60
35
-15
10
50
150
100
200
250
300
350
0
-40
85


Similar Part No. - MAX1447

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
   Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS++ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
More results

Similar Description - MAX1447

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX1365 MAXIM-MAX1365 Datasheet
954Kb / 25P
   Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
Rev 1; 1/06
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com