Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX884-B33 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX884-B33
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884-B33 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX884-B33 Datasheet HTML 1Page - NXP Semiconductors BZX884-B33 Datasheet HTML 2Page - NXP Semiconductors BZX884-B33 Datasheet HTML 3Page - NXP Semiconductors BZX884-B33 Datasheet HTML 4Page - NXP Semiconductors BZX884-B33 Datasheet HTML 5Page - NXP Semiconductors BZX884-B33 Datasheet HTML 6Page - NXP Semiconductors BZX884-B33 Datasheet HTML 7Page - NXP Semiconductors BZX884-B33 Datasheet HTML 8Page - NXP Semiconductors BZX884-B33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 1
Per type BZX884-B/C2V4 to B/C24
Tj =25 °C unless otherwise specified.
BZX884-
BorC
XXX
WORKING VOLTAGE
VZ (V)
at IZ =5mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =5mA
(see Figs 3 and 4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±2% (B)
Tol.
±5% (C)
at IZtest = 1 mA
at IZtest =5mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
2V4
2.35
2.45
2.28
2.52
275
400
70
100
−1.3
450
6.0
2V7
2.65
2.75
2.57
2.84
300
450
75
100
−1.4
440
6.0
3V0
2.94
3.06
2.85
3.15
325
500
80
95
−1.6
425
6.0
3V3
3.23
3.37
3.14
3.47
350
500
85
95
−1.8
410
6.0
3V6
3.53
3.67
3.42
3.78
375
500
85
90
−1.9
390
6.0
3V9
3.82
3.98
3.71
4.10
400
500
85
90
−1.9
370
6.0
4V3
4.21
4.39
4.09
4.52
410
600
80
90
−1.7
350
6.0
4V7
4.61
4.79
4.47
4.94
425
500
50
80
−1.2
325
6.0
5V1
5.00
5.20
4.85
5.36
400
480
40
60
−0.5
300
6.0
5V6
5.49
5.71
5.32
5.88
80
400
15
40
1.0
275
6.0
6V2
6.08
6.32
5.89
6.51
40
150
6
10
2.2
250
6.0
6V8
6.66
6.94
6.46
7.14
30
80
6
15
3.0
215
6.0
7V5
7.35
7.65
7.13
7.88
15
80
2
10
3.6
170
4.0
8V2
8.04
8.36
7.79
8.61
20
80
2
10
4.3
150
4.0
9V1
8.92
9.28
8.65
9.56
20
100
2
10
5.2
120
3.0
10
9.80
10.20
9.50
10.50
20
150
2
10
6.0
110
3.0
11
10.78
11.22
10.45
11.55
25
150
2
10
6.9
110
2.5
12
11.76
12.24
11.40
12.60
25
150
2
10
7.9
105
2.5
13
12.74
13.26
12.35
13.65
25
170
2
10
8.8
105
2.5
15
14.70
15.30
14.25
15.75
25
200
3
15
10.7
100
2.0
16
15.68
18.32
15.20
16.80
50
200
10
40
12.4
90
1.5
18
17.64
18.36
17.10
18.90
50
225
10
45
14.4
80
1.5
20
19.60
20.40
19.00
21.00
60
225
15
55
16.4
70
1.5
22
21.56
22.44
20.90
23.10
60
250
20
55
18.4
60
1.25
24
23.52
24.48
22.80
25.20
60
250
25
70
20.4
55
1.25


Similar Part No. - BZX884-B33

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX884-B33 NEXPERIA-BZX884-B33 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

Similar Description - BZX884-B33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com