Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KP460 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. KP460
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KP460 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2001 Jun 22
8
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 461
URdc = 160 V; URac = 63 V
C
(E 24)
(pF)
DIMENSIONS
dmax × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
TAPED ON REEL
UNIDIRECTIONAL
TAPE DISTANCE 63.5 mm
C-tol
=±2%
C-tol
=±1%
C-tol
=±2%
C-tol
=±1%
catalogue number
last 5 digits
last 5 digits
last 5 digits
lt = 30.0 mm; dt = 0.60 ±0.06 mm
3600
5.0
× 11.0
0.5
2222 461 73602
.. 83602
.. 03602
.. 13602
3900
0.5
2222 461 73902
.. 83902
.. 03902
.. 13902
4300
0.5
2222 461 74302
.. 84302
.. 04302
.. 14302
4700
0.5
2222 461 74702
.. 84702
.. 04702
.. 14702
5100
0.5
2222 461 75102
.. 85102
.. 05102
.. 15102
5600
0.5
2222 461 75602
.. 85602
.. 05602
.. 15602
6200
0.6
2222 461 76202
.. 86202
.. 06202
.. 16202
lt = 28.0 mm; dt = 0.60 ±0.06 mm
6800
6.0
× 15.0
0.4
2222 461 76802
.. 86802
−−
7500
0.7
2222 461 77502
.. 87502
8200
0.6
2222 461 78202
.. 88202
9100
0.6
2222 461 79102
.. 89102
10000
0.7
2222 461 71003
.. 81003
11000
0.7
2222 461 71103
.. 81103
12000
0.7
2222 461 71203
.. 81203
13000
0.8
2222 461 71303
.. 81303
15000
0.8
2222 461 71503
.. 81503
16000
6.5
× 15.0
0.9
2222 461 71603
.. 81603
−−
18000
0.9
2222 461 71803
.. 81803
20000
1.0
2222 461 72003
.. 82003
22000
7.0
× 15.0
1.1
2222 461 72203
.. 82203
−−
24000
1.1
2222 461 72403
.. 82403
27000
7.5
× 15.0
1.2
2222 461 72703
.. 82703
−−
30000
8.0
× 15.0
1.3
2222 461 73003
.. 83003
−−
33000
1.4
2222 461 73303
.. 83303
36000
8.5
× 15.0
1.5
2222 461 73603
.. 83603
−−
39000
1.6
2222 461 73903
.. 83903


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn