Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KP460 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. KP460
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KP460 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
2001 Jun 22
5
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460
KP 460 GENERAL DATA
Specific reference data for the 63 V DC capacitors
Available 63 V DC versions
Available on request
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 100 kHz
5000 pF
< C ≤ 20000 pF
≤5 × 10−4
≤15 × 10−4
20000 pF
< C ≤ 47000 pF
≤5 × 10−4
≤25 × 10−4
C
> 47000 pF
≤5 × 10−4
≤40 × 10−4
Rated voltage pulse slope (dU/dt)R at 63 V (DC)
10000 V/
µs
R between leads; at 10 V; 1 minute
>100000 MΩ
R between interconnected leads and case; 10 V; 1 minute
>100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
126 V; 1 minute
Withstanding (DC) voltage between leads and case
400 V; 1 minute
PACKAGING
C-tol
FIRST 8 DIGITS OF
CATALOGUE NUMBER
ORDERING
Taped on reel
±1%
2222 460 8....
preferred
±2%
2222 460 7....
preferred
±5%
2222 460 6....
on request
Loose in box
±1%
2222 460 4....
on request
±2%
2222 460 3....
on request
±5%
2222 460 2....
on request
Unidirectional
±1%
2222 460 1....
on request
±2%
2222 460 0....
on request
PACKAGING
TAPE DISTANCE (mm)
Taped in ammopack
52.5
63.5
Taped on reel
52.5
296x12(full_width)
Ø1.3
Ød
lt
lt
ltot (1)
lmax
≤1
≤1
dmax
7.2 max
16.5
5.08+0.4
-0.2
seating plane (2)
Ødt
CBA370
lmax
ltot
Fig.4 Outlines.
Dimensions in mm.
(1) ltot ≤ 13 mm for lmax = 11 mm
ltot ≤ 16 mm for lmax = 15 mm.
(2) Hole
∅1.0.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn