Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KP460 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part No. KP460
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KP460 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
2001 Jun 22
22
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
296x12(full_width)
CBA377
108
10 7
106
10 5
10 4
103
100
10
1
10
2
AC voltage
(V)
f (Hz)
12000
pF
3300
pF
1100
pF
Fig.20 AC voltage (RMS value) as a function of frequency at Tamb ≤ 70 °C for URdc = 400 V.
296x12(full_width)
CBA904
108
10 7
106
10 5
10 4
103
100
10
1
10
2
AC voltage
(V)
f (Hz)
12000
pF
3300
pF
1100
pF
Fig.21 AC voltage (RMS value) as a function of frequency at 70
°C < Tamb ≤ 100 °C for URdc = 400 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn