Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KP460 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. KP460
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KP460 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
2001 Jun 22
14
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 464
URdc = 630 V; URac = 200 V
C
(E 24)
(pF)
DIMENSIONS
dmax × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
TAPED ON REEL
UNIDIRECTIONAL
TAPE DISTANCE 63.5 mm
C-tol
=±2%
C-tol
=±1%
C-tol
=±2%
C-tol
=±1%
catalogue number
last 5 digits
last 5 digits
last 5 digits
lt = 30.0 mm; dt = 0.60 ±0.06 mm
47
5.0
× 11.0
0.4
2222 464 74709
.. 84709
.. 04709
.. 14709
51
0.4
2222 464 75109
.. 85109
.. 05109
.. 15109
56
0.4
2222 464 75609
.. 85609
.. 05609
.. 15609
62
0.4
2222 464 76209
.. 86209
.. 06209
.. 16209
68
0.4
2222 464 76809
.. 86809
.. 06809
.. 16809
75
0.4
2222 464 77509
.. 87509
.. 07509
.. 17509
82
0.4
2222 464 78209
.. 88209
.. 08209
.. 18209
91
0.4
2222 464 79109
.. 89109
.. 09109
.. 19109
100
0.4
2222 464 71001
.. 81001
.. 01001
.. 11001
110
0.4
2222 464 71101
.. 81101
.. 01101
.. 11101
120
0.4
2222 464 71201
.. 81201
.. 01201
.. 11201
130
0.5
2222 464 71301
.. 81301
.. 01301
.. 11301
150
0.4
2222 464 71501
.. 81501
.. 01501
.. 11501
160
0.4
2222 464 71601
.. 81601
.. 01601
.. 11601
180
0.5
2222 464 71801
.. 81801
.. 01801
.. 11801
200
0.5
2222 464 72001
.. 82001
.. 02001
.. 12001
220
0.6
2222 464 72201
.. 82201
.. 02201
.. 12201
240
0.6
2222 464 72401
.. 82401
.. 02401
.. 12401
270
0.6
2222 464 72701
.. 82701
.. 02701
.. 12701
300
0.7
2222 464 73001
.. 83001
.. 03001
.. 13001
330
0.4
2222 464 73301
.. 83301
.. 03301
.. 13301
360
0.4
2222 464 73601
.. 83601
.. 03601
.. 13601
390
0.5
2222 464 73901
.. 83901
.. 03901
.. 13901
430
0.5
2222 464 74301
.. 84301
.. 04301
.. 14301
470
0.5
2222 464 74701
.. 84701
.. 04701
.. 14701
510
0.5
2222 464 75101
.. 85101
.. 05101
.. 15101
560
0.5
2222 464 75601
.. 85601
.. 05601
.. 15601


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn