Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33067 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33067
Description  HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33067 Datasheet HTML 1Page - ON Semiconductor MC33067 Datasheet HTML 2Page - ON Semiconductor MC33067 Datasheet HTML 3Page - ON Semiconductor MC33067 Datasheet HTML 4Page - ON Semiconductor MC33067 Datasheet HTML 5Page - ON Semiconductor MC33067 Datasheet HTML 6Page - ON Semiconductor MC33067 Datasheet HTML 7Page - ON Semiconductor MC33067 Datasheet HTML 8Page - ON Semiconductor MC33067 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34067 MC33067
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Drive Output Current, Source or Sink (Note 1)
Continuous
Pulsed (0.5
µs, 25% Duty Cycle
IO
0.3
1.5
A
Error Amplifier, Fault, One–Shot, Oscillator and
Soft–Start Inputs
Vin
– 1.0 to + 6.0
V
UVLO Adjust Input
Vin(UVLO)
– 1.0 to VCC
V
Power Dissipation and Thermal Characteristics
DW Suffix, Plastic Package, Case 751G
TA = 25°C
Thermal Resistance, Junction–to–Air
P Suffix, Plastic Package, Case 648
TA = 25°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+ 150
°C
Operating Ambient Temperature
MC34067
MC33067
TA
0 to + 70
– 40 to + 85
°C
Storage Temperature
Tstg
– 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (VCC = 12 V [Note 2], ROSC= 18.2 k, RVFO = 2940, COSC = 300 pF, RT = 2370 k, CT = 300 pF,
CL = 1.0 nF. For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 3], unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 0 mA, TJ = 25°C)
Vref
5.0
5.1
5.2
V
Line Regulation (VCC = 10 TO 18 V)
Regline
1.0
20
mV
Load Regulation (IO = 0 mA to 10 mA)
Regload
1.0
20
mV
Total Output Variation Over Line, Load, and Temperature
Vref
4.9
5.3
V
Output Short Circuit Current
IO
25
100
190
mA
Reference Undervoltage Lockout Threshold
Vth
3.8
4.3
4.8
V
ERROR AMPLIFIER
Input Offset Voltage (VCM = 1.5 V)
VIO
1.0
10
mV
Input Bias Current (VCM = 1.5 V)
IIB
0.2
1.0
µA
Input Offset Current (VCM = 1.5 V)
IIO
0
0.5
µA
Open Loop Voltage Gain (VCM = 1.5 V, VO = 2.0 V)
AVOL
70
100
dB
Gain Bandwidth Product (f = 100 kHz)
GBW
3.0
5.0
MHz
Input Common Mode Rejection Ratio (VCM = 1.5 to 5.0 V)
CMR
70
95
dB
Power Supply Rejection Ratio (VCC = 10 to 18 V, f = 120 Hz)
PSR
80
100
dB
Output Voltage Swing
High State
Low State
VOH
VOL
2.8
3.2
0.6
0.8
V
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the Startup threshold before setting to 12 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for the MC34067
Thigh = + 70°C for MC34067
=– 40
°C for the MC33067
Thigh = + 85°C for MC33067


Similar Part No. - MC33067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33067 ONSEMI-MC33067 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC33067DW ONSEMI-MC33067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWG ONSEMI-MC33067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWR2 ONSEMI-MC33067DWR2 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

Similar Description - MC33067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396D ONSEMI-NCP1396D Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com