Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH245PA Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTQS3VH245PA
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH245PA Datasheet(HTML) 6 Page - Integrated Device Technology

  IDTQS3VH245PA Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH245PA Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDTQS3VH245
2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
PHY
3VH
SW ITCH
4.5VPP
LOGIC
SID E
Z = 100 Ω
10M bps to 100M bps
2VPP
4.5VPP
LOGIC
SID E
Z = 100 Ω
TW ISTED PAIR
>100m
CHARGE PUMP
OE
Vcc = 3.3V
0 to +5V
NFET
+6.5V
DRIVER
0 to +5V
SINGLE HOT
SW ITCH
CARD I/O
ON CARD
LOGIC
CPU
RAM
BUS
CARD I/O
ON CARD
LOGIC
PLUG GABLE CAR D/ LIVE SYSTEM
ZERO DOW N TIM E SYSTEM
Rail-to-Rail Switching
SOME APPLICATIONS FOR HOTSWITCH PRODUCTS
Fast Ethernet Data Switching (LAN Switch)
Hot-Swapping


Similar Part No. - IDTQS3VH245PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH245 RENESAS-IDTQS3VH245 Datasheet
448Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
More results

Similar Description - IDTQS3VH245PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2245 RENESAS-IDTQS3VH2245 Datasheet
438Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS3VH244 RENESAS-IDTQS3VH244 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
MAY 2013
IDTQS3VH245 RENESAS-IDTQS3VH245 Datasheet
448Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH383 IDT-IDTQS3VH383 Datasheet
80Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com