Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25812ZCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25812ZCT
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25812ZCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25812ZCT Datasheet HTML 1Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 2Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 3Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 4Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 5Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 6Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 7Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 8Page - Cypress Semiconductor CY25812ZCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 3 of 11
3-Level Digital Inputs
S0, S1, and FRSEL digital inputs are designed to sense 3
different logic levels designated as High “1”, Low “0” and
Middle “M”. With this 3-Level digital input logic, the 3-Level
Logic is able to detect 9 different logic states.
S0, S1 and FRSEL pins include an on chip 20K (10K/10K)
resistor divider. No external application resistors are needed
to implement the 3-Level logic levels as shown below:
Logic Level “0”: 3–Level logic pin connected to GND.
Logic Level “M”: 3–Level logic pin left floating (no connection).
Logic Level “1”: 3–Level logic pin connected to VDD.
Figure 1 illustrates how to implement 3–Level Logic.
Modulation Rate
Spread Spectrum Clock Generators utilize frequency
modulation (FM) to distribute energy over a specific band of
frequencies. The maximum frequency of the clock (fmax) and
minimum frequency of the clock (fmin) determine this band of
frequencies. The time required to transition from fmin to fmax
and back to fmin is the period of the Modulation Rate. The
Modulation Rate of SSCG clocks are generally referred to in
terms of frequency, or
fmod = 1/Tmod.
The input clock frequency, fin, and the internal divider
determine the Modulation Rate.
In the case of CY25811/2/4 devices, the (Spread Spectrum)
modulation Rate, fmod, is given by the following formula:
fmod = fin/DR
where; fmod is the Modulation Rate, fin is the Input Frequency
and DR is the Divider Ratio as given in Table 3. Notice that
Input Frequency Range is set by FRSEL.
Input and Output Frequency Selection
The relationship between input frequency versus output
frequency in terms of device selection and FRSEL setting is
given in Table 4. As shown, the input frequency range is
selected by FRSEL and is the same for CY25811, CY25812,
and CY25814. The selection of CY25811 (1x), CY25812 (2x)
or CY25814 (4x) determines the frequency multiplication at
the output (SSCLK, Pin 5) with respect to input frequency
(XIN, Pin-1).
20-24
M
±1.3
±1.1
± 0.5
± 0.4
–2.7
–1.9
–1.7
–0.6
0
24-28
M
±1.2
± 0.9
± 0.5
± 0.4
–2.5
–1.8
–1.5
–0.6
0
28-32
M
±1.1
± 0.9
± 0.4
± 0.3
–2.3
–1.7
–1.4
–0.5
0
Table 2. Spread% Selection (continued)
XIN
(MHz)
FRSEL
S1 = 0
S0 = 0
S1 = 0
S0 = M
S1 = 0
S0 = 1
S1 = M
S0 = 0
S1 = 1
S0 = 1
S1 = 1
S0 = 0
S1 = M
S0 = 1
S1 = 1
S0 = M
S1 = M
S0 = M
LOGIC
MIDDLE (M)
LOGIC
HIGH (H)
S0, S1
and
FRSEL
to VDD
S0, S1
and
FRSEL
UNCONNECTED
S0, S1
and
FRSEL
to VSS
VSS
LOGIC
LOW (0)
Figure 1. 3–Level Logic
Table 3. Modulation Rate Divider Ratios
FRSEL
Input Frequency Range
(MHz)
Divider Ratio
(DR)
0
4 to 8
128
1
8 to 16
256
M
16 to 32
512


Similar Part No. - CY25812ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25812ZCT CYPRESS-CY25812ZCT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25812ZCT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com