Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020WAST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020WAST
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020WAST Datasheet(HTML) 2 Page - Texas Instruments

  PTH12020WAST Datasheet HTML 1Page - Texas Instruments PTH12020WAST Datasheet HTML 2Page - Texas Instruments PTH12020WAST Datasheet HTML 3Page - Texas Instruments PTH12020WAST Datasheet HTML 4Page - Texas Instruments PTH12020WAST Datasheet HTML 5Page - Texas Instruments PTH12020WAST Datasheet HTML 6Page - Texas Instruments PTH12020WAST Datasheet HTML 7Page - Texas Instruments PTH12020WAST Datasheet HTML 8Page - Texas Instruments PTH12020WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
PTH12020x
(Top View)
1
2
10 9 8
7
6
5
4
3
GND
GND
L
O
A
D
Track
Margin Down
Margin Up
VIN
Inhibit
VOUT
VO Sense
RSET
+
CIN
560 mF
(Required)
+ COUT
330 mF
(Optional)
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
STANDARD APPLICATION
ORDERING INFORMATION
PTH12020 (Base Part Number)
Output Voltage Range
Part Number (1)
DESCRIPTION
Pb – Free and RoHS
Mechanical Package
(2)
PTH12020WAH
Horizontal T/H
Yes (3)
EUK
1.2 V–5.5 V (Adjustable)
PTH12020WAS
Standard SMD
No (4)
EUL
PTH12020WAZ
Optional SMD
Yes (3)
EUL
PTH12020LAH
Horizontal T/H
Yes (3)
EUK
0.8 V–1.8 V (Adjustable)
PTH12020LAS
Standard SMD
No (4)
EUL
PTH12020LAZ
Optional SMD
Yes (3)
EUL
(1) Add T to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout.
(3) Lead (Pb) – free option specifies Sn/Ag pin solder material.
(4) Standard option specifies 63/37, Sn/Pb pin solder material.
2


Similar Part No. - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12020WAST ARTESYN-PTH12020WAST Datasheet
260Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12020WAST EMERSON-NETWORKPOWER-PTH12020WAST Datasheet
260Kb / 5P
   DC-DC CONVERTERS
logo
Texas Instruments
PTH12020WAST TI1-PTH12020WAST Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com