Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020LAZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAZT
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12020LAZT Datasheet HTML 7Page - Texas Instruments PTH12020LAZT Datasheet HTML 8Page - Texas Instruments PTH12020LAZT Datasheet HTML 9Page - Texas Instruments PTH12020LAZT Datasheet HTML 10Page - Texas Instruments PTH12020LAZT Datasheet HTML 11Page - Texas Instruments PTH12020LAZT Datasheet HTML 12Page - Texas Instruments PTH12020LAZT Datasheet HTML 13Page - Texas Instruments PTH12020LAZT Datasheet HTML 14Page - Texas Instruments PTH12020LAZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
Designing for Very Fast Load Transients
Adjusting the Output Voltage of the PTH12020x Series of Wide-Output Adjust Power Modules
Rset + 10 kW
0.8 V
Vout * Vmin
* Rs kW
(1)
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with
any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors
selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 3000 µF, the selection of output capacitors becomes more important.
The VoAdjust control (pin 4) sets the output voltage of the PTH12020 product. The adjustment range is from
1.2 V to 5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires
the addition of a single external resistor, Rset, that must be connected directly between the VoAdjust and GND
pins 1. Table 2 gives the preferred value of the external resistor for a number of standard voltages, along with
the actual output voltage that this resistance value provides. Figure 11 shows the placement of the required
resistor.
Table 2. Preferred Values of Rset for Standard Output Voltages
PTH12020W
PTH12020L
Vout
Vout
Vout
Rset
Rset
(Req'd)
(Actual)
(Actual)
5 V
280 Ω
5.009 V
N/A
N/A
3.3 V
2.0 kΩ
3.294 V
N/A
N/A
2.5 V
4.32 kΩ
2.503 V
N/A
N/A
2 V
8.06 kΩ
2.010 V
N/A
N/A
1.8 V
11.5 kΩ
1.801 V
130 Ω
1.800 V
1.5 V
24.3 kΩ
1.506 V
3.57 kΩ
1.499 V
1.2 V
Open
1.200 V
12.1 kΩ
1.201 V
1.1 V
N/A
N/A
18.7 kΩ
1.101 V
1.0 V
N/A
N/A
32.4 kΩ
0.999 V
0.9 V
N/A
N/A
71.5 kΩ
0.901 V
0.8 V
N/A
N/A
Open
0.800 V
For other output voltages the value of the required resistor can either be calculated, or simply selected from the
range of values given in Table 4. The equation below may be used for calculating the adjust resistor value.
Select the appropriate value for the parameters, Rs and Vmin, from Table 3.
Table 3. Adjust Formula Parameters
Pt. No.
PTH12020W
PTH12020L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
Rs
1.82 kΩ
7.87 kΩ
11


Similar Part No. - PTH12020LAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020LAZT TI1-PTH12020LAZT Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12020LAZT

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com