Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020LAST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAST
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAST Datasheet(HTML) 5 Page - Texas Instruments

  PTH12020LAST Datasheet HTML 1Page - Texas Instruments PTH12020LAST Datasheet HTML 2Page - Texas Instruments PTH12020LAST Datasheet HTML 3Page - Texas Instruments PTH12020LAST Datasheet HTML 4Page - Texas Instruments PTH12020LAST Datasheet HTML 5Page - Texas Instruments PTH12020LAST Datasheet HTML 6Page - Texas Instruments PTH12020LAST Datasheet HTML 7Page - Texas Instruments PTH12020LAST Datasheet HTML 8Page - Texas Instruments PTH12020LAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
ELECTRICAL CHARACTERISTICS (continued)
TA =25°C, VI =12 V, VO = 3.3 V, CI = 560 µF, CO =0 µF, and Io =Iomax) (unless otherwise noted)
PTH12020L
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IIL margin
Margin input current (pins 9 /10)
Pin to GND
–8(3)
µA
IIL track
Track input current (pin 8)
Pin to GND
–0.13(3)
mA
dVtrack/dt
Track slew rate capability
Cout≤ Cout(max)
1V/ms
Vin increasing
9.7
10.4
UVLO
Undervoltage lockout
V
Vin decreasing
8.8
9.2
Inhibit control (pin 3)
VIH
2
Open(4)
Input high voltage
Referenced to GND
V
VIL
Input low voltage
–0.2
0.5
IIL inhibit
Input low current
Pin to GND
0.24
mA
Iin inh
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
5
mA
ƒs
Switching frequency
Over Vin and Io ranges
200
250
300
kHz
CI
External input capacitance
560(5)
µF
Non-ceramic
0
330 (6)
9900 (7)
Capacitance value
µF
CO
External output capacitance
Ceramic
0
300
Equivalent series resistance (non-ceramic)
4(8)
mΩ
MTBF
Reliability
Per Bellcore TR-332, 50% stress, TA =40°C, ground benign
5.3
106 Hrs
(3) A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(4) This control pin is pulled up to an internal supply voltage. To avoid risk of damage to the module, do not apply an external voltage
greater than 7 V. If this input is left open-circuit the module will operate when input power is applied. A small low-leakage (<100 nA)
MOSFET or open-drain/collector voltage supervisor IC is recommended for control. For further information, consult the related
application note.
(5) A 560 µF electrolytic input capacitor is required for proper operation. The capitor must be rated for a minimum of 800 mA rms of ripple
current.
(6) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load will improve the
transient response.
(7) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. When controlling the Track pin using a
voltage supervisor, the maximum output capacitance is reduced to 6600 µF. Consult the application notes for further guidance.
(8) This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
5


Similar Part No. - PTH12020LAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020LAST TI1-PTH12020LAST Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12020LAST

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com