Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25811SI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25811SI
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25811SI Datasheet HTML 3Page - Cypress Semiconductor CY25811SI Datasheet HTML 4Page - Cypress Semiconductor CY25811SI Datasheet HTML 5Page - Cypress Semiconductor CY25811SI Datasheet HTML 6Page - Cypress Semiconductor CY25811SI Datasheet HTML 7Page - Cypress Semiconductor CY25811SI Datasheet HTML 8Page - Cypress Semiconductor CY25811SI Datasheet HTML 9Page - Cypress Semiconductor CY25811SI Datasheet HTML 10Page - Cypress Semiconductor CY25811SI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 11 of 11
Document History Page
Document Title: CY25811/12/14 Spread Spectrum Clock Generator
Document Number: 38-07112
REV. ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
107516
06/14/02
NDP
Converted from IMI to Cypress
*A
108002
06/29/02
NDP
Deleted Junction Temp. in Absolute Maximum Ratings
*B
121578
01/29/03
RGL
Converted from Word to FrameMaker
Added 8-pin TSSOP package in Commercial Temp. only
Added an Industrial Temperature Range to all existing 8-pin SOIC packages
*C
125550
05/14/03
RGL
Changed IDD values from 19.6/22/27.2 to 25/30/35 in Commercial Grade DC Specs
table
Changed IDD values from 24/26.5/33 to 26/32/37 in Industrial grade DC Specs table
Changed TCCJ1/2 values from 675/260 to 800/450 in Commercial grade AC Specs table
Changed TCCJ1 value from 350 to 650 in Industrial grade AC Specs table
*D
131941
12/24/03
RGL
Removed automotive in the Applications section
Changed the Output Clock Duty Cycle (TDCOUT) from min. 45 and max. 55 to 40 and
60% respectively for both industrial and commercial grade
Changed the min. Input Low Voltage (VIL) from 0.15VDD to 0.13VDD
Removed preliminary from the industrial AC/DC Electrical Specifications table
*E
231057
See ECN
RGL
Added Lead Free Devices


Similar Part No. - CY25811SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811SI CYPRESS-CY25811SI Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SIT CYPRESS-CY25811SIT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25811SI

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com