Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29772 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY29772
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29772 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY29772 Datasheet HTML 4Page - Cypress Semiconductor CY29772 Datasheet HTML 5Page - Cypress Semiconductor CY29772 Datasheet HTML 6Page - Cypress Semiconductor CY29772 Datasheet HTML 7Page - Cypress Semiconductor CY29772 Datasheet HTML 8Page - Cypress Semiconductor CY29772 Datasheet HTML 9Page - Cypress Semiconductor CY29772 Datasheet HTML 10Page - Cypress Semiconductor CY29772 Datasheet HTML 11Page - Cypress Semiconductor CY29772 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY29772
Document #: 38-07572 Rev. *A
Page 9 of 12
Power Management
The individual output enable/freeze control of the CY29772
allows the user to implement unique power management
schemes into the design. The outputs are stopped in the logic
‘0’ state when the freeze control bits are activated. The serial
input register contains one programmable freeze enable bit for
12 of the 14 output clocks. The QC0 and FB_OUT outputs can
not be frozen with the serial port, this avoids any potential lock
up situation should an error occur in the loading of the serial
data. An output is frozen when a logic ‘0’ is programmed and
enabled when a logic ‘1’ is written. The enabling and freezing
of individual outputs is done in such a manner as to eliminate
the possibility of partial “runt” clocks.
The serial input register is programmed through the SDATA
input by writing a logic ‘0’ start bit followed by 12 NRZ freeze
enable bits. The period of each SDATA bit equals the period of
the free running SCLK signal. The SDATA is sampled on the
rising edge of SCLK.
SYNC
QC
QA
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QC
QA
VCO
1:1 Mode
2:1 Mode
3:1 Mode
3:2 Mode
4:1 Mode
4:3 Mode
6:1 Mode
Figure 1.


Similar Part No. - CY29772

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773AI CYPRESS-CY29773AI Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773AIT CYPRESS-CY29773AIT Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
CY29774AI CYPRESS-CY29774AI Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
More results

Similar Description - CY29772

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com