Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX884-B3V6 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZX884-B3V6
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884-B3V6 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZX884-B3V6 Datasheet HTML 1Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 2Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 3Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 4Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 5Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 6Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 7Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 8Page - NXP Semiconductors BZX884-B3V6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Mar 26
3
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX884 series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BZX884-B2V4
to
BZX884-B75
Leadless ultra small plastic package;2 terminals; body 1.0 x
0.6 x 0.5 mm
SOD882
BZX884-C2V4
to
BZX884-C75
Leadless ultra small plastic package;2 terminals; body 1.0 x
0.6 x 0.5 mm
SOD882
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
200
mA
IZSM
non-repetitive peak reverse
current
tp = 100 µs; square wave;
Tamb =25 °C; prior to surge
see Tables 1 and
2
Ptot
total power dissipation
Tamb =25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - BZX884-B3V6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX884-B3V6 NEXPERIA-BZX884-B3V6 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

Similar Description - BZX884-B3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com