Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09349AV Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C09349AV
Description  3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09349AV Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C09349AV Datasheet HTML 2Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 3Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 4Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 5Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 6Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 7Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 8Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 9Page - Cypress Semiconductor CY7C09349AV Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C09349AV
CY7C09359AV
6
AC Test Loads
(a) Normal Load (Load 1)
R1 = 590
3.3V
OUTPUT
R2 = 435
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 590
R2 = 435
3.3V
OUTPUT
C= 5 pF
RTH =250Ω
(Used for tCKLZ, tOLZ, & tOHZ
including scope and jig)


Similar Part No. - CY7C09349AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09349AV-12AXC CYPRESS-CY7C09349AV-12AXC Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09349AV-9AXC CYPRESS-CY7C09349AV-9AXC Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09349AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
   4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com