Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33065DW Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33065DW
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW Datasheet(HTML) 2 Page - ON Semiconductor

  MC33065DW Datasheet HTML 1Page - ON Semiconductor MC33065DW Datasheet HTML 2Page - ON Semiconductor MC33065DW Datasheet HTML 3Page - ON Semiconductor MC33065DW Datasheet HTML 4Page - ON Semiconductor MC33065DW Datasheet HTML 5Page - ON Semiconductor MC33065DW Datasheet HTML 6Page - ON Semiconductor MC33065DW Datasheet HTML 7Page - ON Semiconductor MC33065DW Datasheet HTML 8Page - ON Semiconductor MC33065DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC34065 MC33065
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
50
mA
Output Current, Source or Sink (Note 1)
IO
1.0
A
Output Energy (Capacitive Load per Cycle)
W
5.0
µJ
Current Sense, Enable, and Voltage Feedback Inputs
Vin
–0.3 to +5.5
V
Sync Input
High State (Voltage)
VIH
5.5
V
Low State (Reverse Current)
IIL
–5.0
mA
Error Amp Output Sink Current
IO
10
mA
Power Dissipation and Thermal Characteristics
DW Suffix, Plastic Package Case 751G
Maximum Power Dissipation @ TA = 25°C
PD
862
mW
Thermal Resistance, Junction–to–Air
R
θJA
145
°C/W
P Suffix, Plastic Package Case 648
Maximum Power Dissipation @ TA = 25°C
PD
1.25
W
Thermal Resistance, Junction–to–Air
R
θJA
100
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
°C
MC34065
0 to +70
MC33065
–40 to +85
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 8.2 kΩ, CT = 3.3 nF, for typical values TA = 25°C, for
min/max values TA is the operating ambient temperature range that applies [Note 3].)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = 25°C)
Vref
4.9
5.0
5.1
V
Line Regulation (VCC = 11 V to 15 V)
Regline
2.0
20
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
3.0
25
mV
Total Output Variation over Line, Load, and Temperature
Vref
4.85
5.15
V
Output Short Circuit Current
ISC
30
100
mA
OSCILLATOR AND PWM SECTIONS
Total Frequency Variation over Line and Temperature
fosc
kHz
VCC = 11 V to 15 V, TA = Tlow to Thigh
MC34065
46.5
49
51.5
MC33065
45
49
53
Frequency Change with Voltage (VCC = 11 V to 15 V)
∆fosc/∆V
0.2
1.0
%
Duty Cycle at each Output
%
Maximum
DCmax
46
49.5
52
Minimum
DCmin
0
Sync Input Current
µA
High State (Vin = 2.4 V)
IIH
170
250
Low State (Vin = 0.8 V)
IIL
80
160
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the startup threshold before setting to 15 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible:
Tlow = 0°C for the MC34065
Thigh = +70°C for MC34065
Tlow = –40°C for the MC33065
Thigh = +85°C for MC33065
4. This parameter is measured at the latch trip point with VFB = 0 V
5. Comparator gain is defined as AV
+
DV Compensation
DV Current Sense


Similar Part No. - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Similar Description - MC33065DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com