Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC081500EVAL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081500EVAL
Description  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500EVAL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC081500EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC081500EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
104
105
106
107
111
112
113
114
115
116
117
118
122
123
124
125
Dd7−
Dd7+
Dd6−
Dd6+
Dd5−
Dd5+
Dd4−
Dd4+
Dd3−
Dd3+
Dd2−
Dd2+
Dd1−
Dd1+
Dd0
Dd0
The LVDS Data Outputs that are delayed by one CLK cycle in
the output demultiplexer. Compared with the D outputs, these
outputs represent the earlier time sample. These outputs
should always be terminated with a 100
Ω differential resistor.
79
80
OR+
OR-
Out Of Range output. A differential high at these pins
indicates that the differential input is out of range (outside the
range ±325 mV or ±435 mV as defined by the FSR pin).
82
81
DCLK+
DCLK-
Differential Clock outputs used to latch the output data.
Delayed and non-delayed data outputs are supplied
synchronous to this signal. This signal is at 1/2 the input clock
rate in SDR mode and at 1/4 the input clock rate in the DDR
mode. The DCLK outputs are not active during a calibration
cycle.
2, 5, 8,
13, 16,
17, 20,
25, 28,
33, 128
V
A
Analog power supply pins. Bypass these pins to ground.
40, 51
,62, 73,
88, 99,
110, 121
V
DR
Output Driver power supply pins. Bypass these pins to DR
GND.
1, 6, 9,
12, 21,
24, 27,
41
GND
Ground return for V
A.
42, 53,
64, 74,
87, 97,
108, 119
DR GND
Ground return for V
DR.
www.national.com
5


Similar Part No. - ADC081500EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500EVAL NSC-ADC081500EVAL Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results

Similar Description - ADC081500EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com