Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC081500CIYB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081500CIYB
Description  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500CIYB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC081500CIYB Datasheet HTML 1Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 2Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 3Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC081500CIYB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
11
10
V
IN+
V
IN
Analog signal inputs to the ADC. The differential full-scale
input range is 650 mV
P-P when the FSR pin is low, or 870
mV
P-P when the FSR pin is high.
7V
CMO
Common Mode Voltage. The voltage output at this pin is
required to be the common mode input voltage at V
IN+ and
V
IN− when d.c. coupling is used. This pin should be grounded
when a.c. coupling is used at the analog inputs. This pin is
capable of sourcing or sinking 100µA. See Section 2.2.
31
V
BG
Bandgap output voltage capable of 100 µA source/sink.
126
CalRun
Calibration Running indication. This pin is at a logic high when
calibration is running.
32
R
EXT
External bias resistor connection. Nominal value is 3.3k-Ohms
(±0.1%) to ground. See Section 1.1.1.
34
35
Tdiode_P
Tdiode_N
Temperature Diode Positive (Anode) and Negative (Cathode)
for die temperature measurements. See Section 2.6.2.
83
84
85
86
89
90
91
92
93
94
95
96
100
101
102
103
D7−
D7+
D6−
D6+
D5−
D5+
D4−
D4+
D3−
D3+
D2−
D2+
D1−
D1+
D0−
D0+
The LVDS Data Outputs that are not delayed in the output
demultiplexer. Compared with the Dd outputs, these outputs
represent the later time samples. These outputs should
always be terminated with a 100
Ω differential resistor.
www.national.com
4


Similar Part No. - ADC081500CIYB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500CIYB NSC-ADC081500CIYB Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500CIYB NSC-ADC081500CIYB Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500CIYB/NOPB TI1-ADC081500CIYB/NOPB Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results

Similar Description - ADC081500CIYB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com