Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1516AIYZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL1516AIYZ
Description  Dual Ultra Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516AIYZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL1516AIYZ Datasheet HTML 1Page - Intersil Corporation EL1516AIYZ Datasheet HTML 2Page - Intersil Corporation EL1516AIYZ Datasheet HTML 3Page - Intersil Corporation EL1516AIYZ Datasheet HTML 4Page - Intersil Corporation EL1516AIYZ Datasheet HTML 5Page - Intersil Corporation EL1516AIYZ Datasheet HTML 6Page - Intersil Corporation EL1516AIYZ Datasheet HTML 7Page - Intersil Corporation EL1516AIYZ Datasheet HTML 8Page - Intersil Corporation EL1516AIYZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN7328.0
May 4, 2005
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 100Ω
90
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 100Ω
95
dBc
ENABLE (EL1516AIY ONLY)
tEN
Enable Time
125
ns
tDIS
Disable Time
336
ns
IIHEN
EN Pin Input High Current
EN = VS+18
µA
IILEN
EN Pin Input Low Current
EN = VS-10
nA
VIHEN
EN Pin Input High Voltage for Power-
down
VS+ -1
V
VIHEN
EN Pin Input Low Voltage for Power-up
VS- +3
V
Electrical Specifications
VS+ = +2.5V, VS- = -2.5V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, VCM = 0V, and TA = 25°C, unless
otherwise specified.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Specifications
VS+ = +6V, VS- = -6V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, VCM = 0V, and TA = 25°C, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
0.1
3
mV
TCVOS
Average Offset Voltage Drift
-0.3
µV/°C
IB
Input Bias Current
VCM = 0V
6.5
9
µA
IOS
Input Offset Current
50
500
nA
RIN
Input Impedance
12
M
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-4.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -4.7V to 5.4V
90
110
dB
AVOL
Open-Loop Gain
VO = ±2.5V
75
80
dB
en
Voltage Noise
f = 100kHz
1.24
nV/
√Hz
in
Current Noise
f = 100kHz
1.5
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
-4.8
-4.7
V
RL = 150Ω
-4.6
-4.5
V
VOH
Output Swing High
RL = 500Ω
4.8
4.9
V
RL = 150Ω
4.5
4.7
V
ISC
Short Circuit Current
RL = 10Ω
110
160
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±5.4V to ±6.6V
75
85
dB
IS ON
Supply Current Enable (Per Amplifier)
No load
5.8
7
mA
IS OFF
Supply Current Disable (Per Amplifier)
(EL1516A)
I+ (DIS)
2
5
µA
I- (DIS)
-19
-16
µA
TC IS
IS Temperature Coefficient
32
µA/°C
VS
Operating Range
512
V
EL1516, EL1516A


Similar Part No. - EL1516AIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIYZ RENESAS-EL1516AIYZ Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Intersil Corporation
EL1516AIYZ-T13 INTERSIL-EL1516AIYZ-T13 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ-T13 INTERSIL-EL1516AIYZ-T13 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516AIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com