Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC34065
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34065 Datasheet HTML 2Page - ON Semiconductor MC34065 Datasheet HTML 3Page - ON Semiconductor MC34065 Datasheet HTML 4Page - ON Semiconductor MC34065 Datasheet HTML 5Page - ON Semiconductor MC34065 Datasheet HTML 6Page - ON Semiconductor MC34065 Datasheet HTML 7Page - ON Semiconductor MC34065 Datasheet HTML 8Page - ON Semiconductor MC34065 Datasheet HTML 9Page - ON Semiconductor MC34065 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC34065 MC33065
6
MOTOROLA ANALOG IC DEVICE DATA
VCC =15 V
CL =15 pF
TA =25°C
VCC =15 V
CL = 1.0 nF
TA =25°C
VCC = 11 V to 15 V
TA =25°C
Figure 9. Reference Load Regulation
Figure 10. Reference Line Regulation
Figure 11. Output Saturation Voltage
versus Load Current
Figure 12. Output Waveform
1.0 ms/DIV
1.0 ms/DIV
IO, OUTPUT LOAD CURRENT (mA)
0
–1.0
–2.0
2.0
1.0
0
0
200
400
600
800
VCC
TA = –55°C
Gnd
Sink Saturation
(Load to VCC)
Source Saturation
(Load to Ground)
TA =25°C
TA = –55°C
TA =25°C
VCC =15 V
80
µs Pulsed Load
120 Hz Rate
90% –
10% –
50 ns/DIV
VCC =15 V
IO = 1.0 mA to 10 mA
TA =25°C
Figure 13. Output Cross Conduction Current
Figure 14. Supply Current versus Supply Voltage
100 ns/DIV
32
24
16
8.0
0
0
4.0
8.0
12
16
20
VCC, SUPPLY VOLTAGE (V)
RT = 8.2 k
CT = 3.3 nF
VFB1,2 = 0 V
Current Sense 1,2 = 0 V
TA =25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn