Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT36A1 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT36A1
Description  Music Synthesizer 8-Bit MCU
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A1 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT36A1 Datasheet HTML 23Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 24Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 25Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 26Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 27Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 28Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 29Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 30Page - Holtek Semiconductor Inc HT36A1 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
RET
Return from subroutine
Description
The program counter is restored from the stack. This is a 2-cycle instruction.
Operation
Program Counter
¬ Stack
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RET A,x
Return and place immediate data in the accumulator
Description
The program counter is restored from the stack and the accumulator loaded with the speci-
fied 8-bit immediate data.
Operation
Program Counter
¬ Stack
ACC
¬ x
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RETI
Return from interrupt
Description
The program counter is restored from the stack, and interrupts are enabled by setting the
EMI bit. EMI is the enable master (global) interrupt bit.
Operation
Program Counter
¬ Stack
EMI
¬ 1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RL [m]
Rotate data memory left
Description
The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0.
Operation
[m].(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
[m].0
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RLA [m]
Rotate data memory left and place result in the accumulator
Description
Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the
rotated result in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
ACC.0
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT36A1
Rev. 1.00
27
August 15, 2005


Similar Part No. - HT36A1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A0 HOLTEK-HT36A0 Datasheet
257Kb / 23P
   8-Bit Music Synthesizer MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
More results

Similar Description - HT36A1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com