Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065-H Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC34065-H
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 4 Page - ON Semiconductor

  MC34065-H Datasheet HTML 1Page - ON Semiconductor MC34065-H Datasheet HTML 2Page - ON Semiconductor MC34065-H Datasheet HTML 3Page - ON Semiconductor MC34065-H Datasheet HTML 4Page - ON Semiconductor MC34065-H Datasheet HTML 5Page - ON Semiconductor MC34065-H Datasheet HTML 6Page - ON Semiconductor MC34065-H Datasheet HTML 7Page - ON Semiconductor MC34065-H Datasheet HTML 8Page - ON Semiconductor MC34065-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC34065–H, L MC33065–H, L
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Error Amp Small–Signal
Transient Response
Figure 4. Error Amp Large–Signal
Transient Response
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Current Sense Input Threshold
versus Error Amp Output Voltage
1.0
µs/DIV
1.0
µs/DIV
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0
30
60
90
120
150
180
Phase
Gain
VCC =15 V
VO = 1.5 V to 2.5 V
RL = 100 k
TA =25°C
0
1.0
2.0
3.0
4.0
7.0
5.0
6.0
VO, ERROR AMP OUTPUT VOLTAGE (V)
VCC =15 V
AV = –1.0
TA =25°C
VCC =15 V
AV = –1.0
TA =25°C
Figure 7. Reference Voltage Change
versus Source Current
Figure 8. Reference Short Circuit Current
versus Temperature
Iref, REFERENCE SOURCE CURRENT (mA)
0
20
40
60
80
100
120
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC =15 V
RL ≤ 0.1 Ω
2.55 V
2.50 V
2.45 V
3.0 V
2.50 V
2.0 V
100
80
60
40
20
0
–20
0.6
1.2
1.0
0.2
0.4
0.8
0
0
–4.0
–8.0
–12
–16
–20
–24
120
100
80
60
VCC = 15 V
TA = 125°C
TA = 25°C
TA = –55°C
VCC = 15 V
TA = –55°C
TA = 25°C
TA = 125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn