Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34065-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34065-H
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 3 Page - ON Semiconductor

  MC34065-H Datasheet HTML 1Page - ON Semiconductor MC34065-H Datasheet HTML 2Page - ON Semiconductor MC34065-H Datasheet HTML 3Page - ON Semiconductor MC34065-H Datasheet HTML 4Page - ON Semiconductor MC34065-H Datasheet HTML 5Page - ON Semiconductor MC34065-H Datasheet HTML 6Page - ON Semiconductor MC34065-H Datasheet HTML 7Page - ON Semiconductor MC34065-H Datasheet HTML 8Page - ON Semiconductor MC34065-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC34065–H, L MC33065–H, L
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 8.2 kΩ, CT = 3.3 nF, for typical values TA = 25°C, for min/max values
TA is the operating ambient temperature range that applies to [Note 3].)
Characteristics
Symbol
Min
Typ
Max
Unit
CURRENT SENSE SECTION
Current Sense Input Voltage Gain (Notes 4 and 5)
AV
2.75
3.0
3.25
V/V
Maximum Current Sense Input Threshold (Note 4)
Vth
0.9
1.0
1.1
V
Input Bias Current
IIB
– 2.0
–10
µA
Propagation Delay (Current Sense Input to Output)
tPLN(In/Out)
150
300
ns
DRIVE OUTPUT 2 ENABLE PIN
Enable Pin Voltage – High State (Output 2 Enabled)
Enable Pin Voltage – Low State (Output 2 Disabled)
VIH
VIL
3.5
0
Vref
1.5
V
Low State Input Current (VIL = 0 V)
IIB
100
250
400
µA
DRIVE OUTPUTS
Output Voltage – Low State (Isink = 20 mA)
Output Voltage – Low State (Isink = 200 mA)
Output Voltage – High State (Isource = 20 mA)
Output Voltage – High State (Isource = 200 mA)
VOL
VOH
1.6
12.8
10
0.3
2.4
13.3
11.2
0.5
3.0
12.3
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.1
1.1
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
50
150
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC Increasing)
–L Suffix
–H Suffix
Vth
7.8
13
8.4
14
9.0
15
V
Minimum Operating Voltage After Turn–On (VCC Decreasing)
–L Suffix
–H Suffix
VCC(min)
7.2
9.0
7.8
10
8.4
11
V
TOTAL DEVICE
Power Supply Current
Startup
–L Suffix (VCC = 6.0 V)
–H Suffix (VCC = 12 V)
Operating (Note 2)
ICC
0.4
0.6
20
0.8
1.0
25
mA
NOTES: 1. Maximum package power dissipation limits must be observed.
NOTES: 2. Adjust VCC above the startup threshold before setting to 15 V.
NOTES: 3. Low duty cycle pulse techniques are used during test to maintain junction
NOTES: 3. temperature as close to ambient as possible:
Tlow = 0°C for the MC34065
Thigh = +70°C for MC34065
Tlow = –40°C for the MC33065
Thigh = +85°C for MC33065
4. This parameter is measured at the latch trip point with VFB = 0 V
5. Comparator gain is defined as AV =
∆V Compensation
∆V Current Sense
Figure 1. Timing Resistor versus
Oscillator Frequency
Figure 2. Maximum Output Duty Cycle
versus Oscillator Frequency
4.0
6.0
8.0
10
14
16
fOSC, OSCILLATOR FREQUENCY (Hz)
12
3.3 nF
500 pF
220 pF
330 pF
2.2 nF
5.0 nF
1.0 nF
10 k
30 k
50 k
300 k 500 k
100 k
1.0 M
100 pF
fOSC, OSCILLATOR FREQUENCY (Hz)
38
40
42
44
48
50
46
Output 2
Output 1
10 k
30 k
50 k
300 k 500 k
100 k
1.0 M
VCC =15 V
RT = 4.0 k to 16 k
TA = 25°
CL =15 pF
CT =
10 nF
VCC =15V
TA =25°C


Similar Part No. - MC34065-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Similar Description - MC34065-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com