Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065-H Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC34065-H
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 1 Page - ON Semiconductor

  MC34065-H Datasheet HTML 1Page - ON Semiconductor MC34065-H Datasheet HTML 2Page - ON Semiconductor MC34065-H Datasheet HTML 3Page - ON Semiconductor MC34065-H Datasheet HTML 4Page - ON Semiconductor MC34065-H Datasheet HTML 5Page - ON Semiconductor MC34065-H Datasheet HTML 6Page - ON Semiconductor MC34065-H Datasheet HTML 7Page - ON Semiconductor MC34065-H Datasheet HTML 8Page - ON Semiconductor MC34065-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MC34065-H, L
MC33065-H, L
SEMICONDUCTOR
TECHNICAL DATA
HIGH PERFORMANCE
DUAL CHANNEL CURRENT
MODE CONTROLLERS
ORDERING INFORMATION
PIN CONNECTIONS
Order this document by MC34065–H/D
P SUFFIX
PLASTIC PACKAGE
CASE 648
DW SUFFIX
PLASTIC PACKAGE
CASE 751G
(SO–16L)
Sync Input
CT
RT
Voltage Feedback 1
Compensation 1
Current Sense 1
Drive Output 1
Gnd
VCC
Vref
Drive Output 2 Enable
Voltage Feedback 2
Compensation 2
Current Sense 2
Drive Output 2
Drive Gnd
1
(Top View)
2
3
4
5
6
7
89
11
10
12
13
14
15
16
TA = –40° to +85°C
Device
Operating
Temperature Range
Package
MC34065DW–H
TA = 0° to +70°C
SO–16L
MC34065DW–L
MC34065P–H
MC34065P–L
MC33065DW–H
MC33065DW–L
MC33065P–H
MC33065P–L
Plastic DIP
SO–16L
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Dual Channel Current
Mode Controllers
The MC34065–H,L series are high performance, fixed frequency, dual
current mode controllers. They are specifically designed for off–line and
dc–to–dc converter applications offering the designer a cost effective
solution with minimal external components. These integrated circuits feature
a unique oscillator for precise duty cycle limit and frequency control, a
temperature compensated reference, two high gain error amplifiers, two
current sensing comparators, Drive Output 2 Enable pin, and two high
current totem pole outputs ideally suited for driving power MOSFETs.
Also included are protective features consisting of input and reference
undervoltage lockouts each with hysteresis, cycle–by–cycle current limiting,
and a latch for single pulse metering of each output. These devices are
available in dual–in–line and surface mount packages.
The MC34065–H has UVLO thresholds of 14 V (on) and 10 V (off), ideally
suited for off–line converters. The MC34065–L is tailored for lower voltage
applications having UVLO thresholds of 8.4 V (on) and 7.8 V (off).
Unique Oscillator for Precise Duty Cycle Limit and Frequency Control
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Separate Latching PWMs for Cycle–By–Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
Drive Output 2 Enable Pin
Two High Current Totem Pole Outputs
Input Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Representative Block Diagram
+
+
Vref
Sync Input
RT
CT
Voltage
Feedback 1
Compensation 1
Drive Output
2
Enable
Voltage
Feedback 2
Compensation 2
15
1
5
13
12
14
4
2
3
7
6
10
11
Drive Output 1
Current Sense 1
Drive Output 2
Current Sense 2
VCC
16
Gnd
8
Drive Gnd
9
Error
Amp 2
Error
Amp 1
Oscillator
Vref
Undervoltage
Lockout
5.0V
Reference
VCC
Undervoltage
Lockout
Latching
PWM 1
Latching
PWM 2
R
R
© Motorola, Inc. 1996
Rev 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn