Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33060AD Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33060AD
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060AD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33060AD Datasheet HTML 3Page - ON Semiconductor MC33060AD Datasheet HTML 4Page - ON Semiconductor MC33060AD Datasheet HTML 5Page - ON Semiconductor MC33060AD Datasheet HTML 6Page - ON Semiconductor MC33060AD Datasheet HTML 7Page - ON Semiconductor MC33060AD Datasheet HTML 8Page - ON Semiconductor MC33060AD Datasheet HTML 9Page - ON Semiconductor MC33060AD Datasheet HTML 10Page - ON Semiconductor MC33060AD Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
7
Figure 3. Oscillator Frequency
versus Timing Resistance
Figure 4. Open Loop Voltage Gain and Phase
versus Frequency
Figure 5. Percent Deadtime versus
Oscillator Frequency
Figure 6. Percent Duty Cycle versus
Dead–Time Control Voltage
Figure 7. Emitter–Follower Configuration
Output Saturation Voltage versus
Emitter Current
Figure 8. Common–Emitter Configuration
Output Saturation Voltage versus
Collector Current
f, FREQUENCY (Hz)
AVOL
θ
1.0
10
100
1.0 k
10 k
100 k
1.0 M
VCC = 15 V
∆VO = 3.0 V
RL = 2.0 kΩ
DEAD-TIME CONTROL VOLTAGE (V)
0
1.0
2.0
3.0
3.5
VCC = 15 V
CT = 0.001
RT = 47 k
IE, EMITTER CURRENT (mA)
0
100
200
300
400
500
IC, COLLECTOR CURRENT (mA)
0
100
200
300
400
500
VCC = 15 V
RT, TIMING RESISTANCE (Ω)
1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k 200 k 500 k 1.0 M
1.0 µF
0.001 µF
CT = 0.01 µF
fosc, OSCILLATOR FREQUENCY (Hz)
500
10 k
100 k
500 k
CT = 0.001 µF
0.01 µF
1.0 k
100
90
80
70
60
50
40
30
20
10
0
100
80
60
40
20
0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
500 k
100 k
10 k
1.0 k
500
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
110
120
-20
-40
-60
-80
-100
-120
-140
-160
-180
0


Similar Part No. - MC33060AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADG ONSEMI-MC33060ADG Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADR2 ONSEMI-MC33060ADR2 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060ADR2G ONSEMI-MC33060ADR2G Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
More results

Similar Description - MC33060AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com