Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3303P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3303P
Description  QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3303P Datasheet(HTML) 2 Page - ON Semiconductor

  MC3303P Datasheet HTML 1Page - ON Semiconductor MC3303P Datasheet HTML 2Page - ON Semiconductor MC3303P Datasheet HTML 3Page - ON Semiconductor MC3303P Datasheet HTML 4Page - ON Semiconductor MC3303P Datasheet HTML 5Page - ON Semiconductor MC3303P Datasheet HTML 6Page - ON Semiconductor MC3303P Datasheet HTML 7Page - ON Semiconductor MC3303P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC3403 MC3303
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V for MC3403; VCC = +14 V, VEE = Gnd for MC3303
TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
MC3403
MC3303
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
10
2.0
8.0
mV
TA = Thigh to Tlow (Note 1)
12
10
Input Offset Current
IIO
30
50
30
75
nA
TA = Thigh to Tlow
200
250
Large Signal Open Loop Voltage Gain
AVOL
V/mV
VO = ±10 V, RL = 2.0 kΩ
20
200
20
200
TA = Thigh to Tlow
15
15
Input Bias Current
IIB
–200
–500
–200
–500
nA
TA = Thigh to Tlow
–800
–1000
Output Impedance f = 20 Hz
zo
75
75
Input Impedance f = 20 Hz
zi
0.3
1.0
0.3
1.0
M
Output Voltage Range
VO
V
RL = 10 kΩ
±12
±13.5
12
12.5
RL = 2.0 kΩ
±10
±13
10
12
RL = 2.0 kΩ, TA = Thigh to Tlow
±10
10
Input Common Mode Voltage Range
VICR
+13 V
–VEE
+13 V
–VEE
+12 V
–VEE
+12.5 V
–VEE
V
Common Mode Rejection RS ≤ 10 k Ω
CMR
70
90
70
90
dB
Power Supply Current (VO = 0) RL = ∞
ICC, IEE
2.8
7.0
2.8
7.0
mA
Individual Output Short–Circuit Current (Note 2)
ISC
±10
±20
±45
±10
±30
±45
mA
Positive Power Supply Rejection Ratio
PSRR+
30
150
30
150
µV/V
Negative Power Supply Rejection Ratio
PSRR–
30
150
30
150
µV/V
Average Temperature Coefficient of Input
Offset Current
TA = Thigh to Tlow
∆IIO/∆T
50
50
pA/
°C
Average Temperature Coefficient of Input
Offset Voltage
TA = Thigh to Tlow
∆VIO/∆T
10
10
µV/°C
Power Bandwidth
AV = 1, RL = 10 kΩ, VO = 20 V(p–p), THD = 5%
BWp
9.0
9.0
kHz
Small–Signal Bandwidth
AV = 1, RL = 10 kΩ, VO = 50 mV
BW
1.0
1.0
MHz
Slew Rate AV = 1, Vi = –10 V to +10 V
SR
0.6
0.6
V/
µs
Rise Time AV = 1, RL = 10 kΩ, VO = 50 mV
tTLH
0.35
0.35
µs
Fall Time AV = 1, RL = 10 kΩ, VO = 50 mV
tTLH
0.35
0.35
µs
Overshoot AV = 1, RL = 10 kΩ, VO = 50 mV
os
20
20
%
Phase Margin AV = 1, RL = 2.0 kΩ, VO = 200 pF
φm
60
60
Degrees
Crossover Distortion
(Vin = 30 mVpp,Vout= 2.0 Vpp, f = 10 kHz)
1.0
1.0
%
NOTES: 1. Thigh = +70°C for MC3403, +85°C for MC3303
Tlow = 0°C for MC3403, –40°C for MC3303
2. Not to exceed maximum package power dissipation.


Similar Part No. - MC3303P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC3303P STMICROELECTRONICS-MC3303P Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Fairchild Semiconductor
MC3303P FAIRCHILD-MC3303P Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3303P ONSEMI-MC3303P Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3303P ONSEMI-MC3303P Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
MC3303PG ONSEMI-MC3303PG Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3303P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com