Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X95840UV20IZ-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X95840UV20IZ-2.7
Description  Quad Digital Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95840UV20IZ-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X95840UV20IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X95840UV20IZ-2.7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN8213.1
September 27, 2005
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte,
and a STOP condition. After each of the three bytes, the
X95840 responds with an ACK. At this time, if the Data Byte
is to be written only to volatile registers, then the device
enters its standby state. If the Data Byte is to be written also
to non-volatile memory, the X95840 begins its internal write
cycle to non-volatile memory. During the internal non-volatile
write cycle, the device ignores transitions at the SDA and
SCL pins, and the SDA output is at a high impedance state.
When the internal non-volatile write cycle is completed, the
X95840 enters its standby state (See Figure 17).
The byte at address 00001000 bin (8 decimal) determines if
the Data Byte is to be written to volatile and/or non-volatile
memory. See “Memory Description” on page 9.
Data Protection
The WP pin has to be at logic HIGH to perform any Write
operation to the device. When the WP is active (LOW) the
device ignores Data Bytes of a Write Operation, does not
respond to the Data Bytes with an ACK, and instead, goes to
its standby state waiting for a new START condition.
A STOP condition also acts as a protection of non-volatile
memory. A valid Identification Byte, Address Byte, and total
number of SCL pulses act as a protection of both volatile
and non-volatile registers. During a Write sequence, the
Data Byte is loaded into an internal shift register as it is
received. If the Address Byte is 0, 1, 2, 3, or 8 decimal, the
Data Byte is transferred to the appropriate Wiper Register
(WR) or to the Access Control Register, at the falling edge of
the SCL pulse that loads the last bit (LSB) of the Data Byte.
If the Address Byte is between 0 and 6 (inclusive), and the
Access Control Register is all zeros (default), then the STOP
condition initiates the internal write cycle to non-volatile
memory.
Read Operation
A Read operation consist of a three byte instruction followed
by one or more Data Bytes (See Figure 18). The master
initiates the operation issuing the following sequence: a
START, the Identification byte with the R/W bit set to “0”, an
Address Byte, a second START, and a second Identification
byte with the R/W bit set to “1”. After each of the three bytes,
the X95840 responds with an ACK. Then the X95840
transmits Data Bytes as long as the master responds with an
ACK during the SCL cycle following the eight bit of each
byte. The master terminates the read operation (issuing a
SDA Output from
Transmitter
SDA Output from
Receiver
8
1
9
START
ACK
SCL from Master
High Impedance
High Impedance
FIGURE 16. ACKNOWLEDGE RESPONSE FROM RECEIVER
S
t
a
r
t
S
t
o
p
Identification
Byte
Address
Byte
Data
Byte
A
C
K
Signals from the
Master
Signals from the
X95840
A
C
K
1
0
1
00
A
C
K
Write
Signal at SDA
00 0 0
A2A1A0
FIGURE 17. BYTE WRITE SEQUENCE
X95840


Similar Part No. - X95840UV20IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840UV20IZ-2.7 INTERSIL-X95840UV20IZ-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840UV20IZ-2.7 RENESAS-X95840UV20IZ-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95840UV20IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com