Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X96011 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. X96011
Description  Temperature Sensor with Look Up Table Memory and DAC
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

X96011 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
FN8215.1
October 25, 2005
BLOCK DIAGRAM
PIN ASSIGNMENTS
TSSOP
Pin
Pin
Name
Pin Description
1A0
Device Address Select Pin 0. This pin determines the LSB of the device address
required to communicate using the 2-wire interface. The A0 pin has an on-chip pull-down resistor.
2A1
Device Address Select Pin 1. This pin determines the intermediate bit of the device address re-
quired to communicate using the 2-wire interface. The A1 pin has an on-chip pull-down resistor.
3A2
Device Address Select Pin 2. This pin determines the MSB of the device address required to com-
municate using the 2-wire interface. The A2 pin has an on-chip pull-down resistor.
4Vcc
Supply Voltage.
5WP
Write Protect Control Pin. This pin is a CMOS compatible input. When LOW, Write Protection is
enabled preventing any “Write” operation. When HIGH, various areas of the memory can be pro-
tected using the Block Lock bits BL1 and BL0. The WP pin has an on-chip pull-down resistor, which
enables the Write Protection when this pin is left floating.
6SCL
Serial Clock. This is a TTL compatible input pin. This input is the 2-wire interface clock controlling
data input and output at the SDA pin.
7SDA
Serial Data. This pin is the 2-wire interface data into or out of the device. It is TTL
compatible when used as an input, and it is Open Drain when used as an output. This pin requires
an external pull up resistor.
8IOUT
Current Generator Output. This pin sinks or sources current. The magnitude and direction of the
current is fully programmable and adaptive. The resolution is 8 bits.
9NC
No Connect.
10
NC
No Connect.
11
Vss
Ground.
12
NC
No Connect.
13
NC
No Connect.
14
NC
No Connect.
SDA
SCL
WP
2-Wire
IOUT
Interface
A2, A1, A0
DAC
ADC
Look-up
Table
Control
& Status
Mux
Mux
Temperature
Sensor
Voltage
Reference
X96011


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn