Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34023 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC34023
Description  High Speed Single-Ended PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC34023 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MC34023 MC33023
6
MOTOROLA ANALOG IC DEVICE DATA
Source Saturation
(Load to Ground)
VCC
Ground
Sink Saturation
(Load to VCC)
RT = 3.65 kΩ
CT = 1.0 nF
VCC Decreasing
VCC Increasing
TA, AMBIENT TEMPERATURE (°C)
Figure 13. Soft–Start Charge Current
versus Temperature
– 55
– 25
0
25
50
75
100
125
IO, OUTPUT LOAD CURRENT (A)
Figure 14. Output Saturation Voltage
versus Load Current
0
0.2
0.4
0.6
0.8
1.0
Figure 15. Drive Output Rise and Fall Time
Figure 16. Drive Output Rise and Fall Time
VCC, SUPPLY VOLTAGE (V)
0
4.0
8.0
12
16
20
Figure 17. Supply Voltage versus Supply Current
OUTPUT RISE & FALL TIME 1.0 nF LOAD
50 ns/DIV
OUTPUT RISE & FALL TIME 10 nF LOAD
50 ns/DIV
VCC = 15 V
80
µs Pulsed Load
120 Hz Rate
TA = 25°C
VCC = 15 V
0
2.0
1.0
10
9.5
9.0
8.5
8.0
7.5
7.0
– 1.0
– 2.0
0
30
25
20
15
10
5.0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC34025High Speed Double-Ended PWM Controller 1 2 3 4 5 MoreON Semiconductor
UC3825High Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC1823High Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC3825BHigh Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC1823AHigh Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC1824High Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC1825High Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC1823AJ883BHigh Speed PWM Controller 1 2 3 4 5 MoreTexas Instruments
PWM5031RadHard High Speed PWM Controller 1 2 3 4 5 MoreAeroflex Circuit Technology
IS-1845ASRHSingle Event Radiation Hardened High Speed Current Mode PWM 1 2 Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn