Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80201 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X80201
Description  Power Supply Swquencer with Power-up System Mnitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80201 Datasheet(HTML) 1 Page - Intersil Corporation

  X80201 Datasheet HTML 1Page - Intersil Corporation X80201 Datasheet HTML 2Page - Intersil Corporation X80201 Datasheet HTML 3Page - Intersil Corporation X80201 Datasheet HTML 4Page - Intersil Corporation X80201 Datasheet HTML 5Page - Intersil Corporation X80201 Datasheet HTML 6Page - Intersil Corporation X80201 Datasheet HTML 7Page - Intersil Corporation X80201 Datasheet HTML 8Page - Intersil Corporation X80201 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN8154.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X80200, X80201, X80202, X80203, X80204
Power Supply Sequencer with Power-up
System Monitoring
The X80200 power sequencer provides a flexible approach
for handling difficult system power-up conditions. The
X80200 includes control of up to three voltage supplies and
can be cascaded to control additional supplies. The device
contains independent undervoltage lockout for each
controlled voltage.
The three voltage control circuits allow sequencing for
primary, core, and I/O voltages. The core and I/O supplies
are linked together with a comparator or a timer allowing a
tight coupling between these two supplies. The sequencing
may be either voltage based or time based.
The X80200 contains separate charge pumps to control
external N-channel power FETs for each of the supplies. The
charge pumps provide the high gate control voltage
necessary for efficient operation of the FET switches.
The X80200 turns on the primary voltage to the system
when the voltage source is steady. This primary FET switch
turn-on can be delayed with an external RC circuit. For the
secondary voltage sources, the device has a built-in “core-
up-first and core-down-last” sequencing logic which is ideal
for high performance processors, DSPs and ASICs.
The serial bus can be used to monitor the status or turn off
each of the external power switches. The X80200 has 3
slave address bits that allow up to 8 devices to be connected
to the same bus.
Pinout
20 LD TSSOP
TOP VIEW
Features
• Sequence three voltage supplies independently
- Core and Logic I/O VCC power sequencer for processor
supplies
- Power up and power down control
- Voltage monitors have undervoltage lockout
- Internal charge pump drives external N-channel FET
switches
- Cascadable to sequence more than 3 supplies
- Time based or voltage based sequencing
• Status register bits monitor gate output status
• SMBus compatible Interface
• Slave address identification for up to 8 power sequencers
(24 supplies) on the same bus
• Surface mount 20-pin TSSOP Package
Applications
• Distributed Power Supply Designs
• Multi-voltage systems
• Multiprocessor systems
• Embedded Processor Applications
• Digital Signal Processors, FPGAs, ASICs, Memory
Controllers
• N + 1 Redundant Power Supplies
• Support for SSI – Server System Infrastructure
Specifications
• -48V Hotswap Power Backplane/Distribution
• Card Insertion Detection and Power
• Power Sequencing DC-DC Supplies
• Databus Power Interfacing
• Custom Industrial Power Backplanes
• Other: ATE, Data Acquisition, Mass Storage, Servers,
Data com, Wireless Basestations
VFB
GND
DNC
1
2
3
4
5
6
7
16
15
14
13
12
11
SETV
VDDL
REF
A0
A2
A1
VDDM
VDDH
GATE_H
GATEH_EN
READY
GATE_M
SCL
SDA
GATE_L
ENS
NC
8
9
10
20
19
18
17
Ordering Information
PART NUMBER
UVLOH
UVLOM
UVLOL
PACKAGE
X80200V20I
4.5
3.0
0.9
TSSOP
X80201V20I
4.5
2.25
0.9
TSSOP
X80202V20I
3.0
2.25
1.7
TSSOP
X80203V20I
3.0
2.25
0.9
TSSOP
X80204V20I
3.0
0.9
0.9
TSSOP
Data Sheet
January 21, 2005


Similar Part No. - X80201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80201 RENESAS-X80201 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
X80201V20I RENESAS-X80201V20I Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results

Similar Description - X80201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Rohm
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
   Biopolat System power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
   Bipolar System Power Supply
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
   System Power Supply; 24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com