Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2194D Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2194D
Description  SRS Dialog Clarity Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2194D Datasheet(HTML) 2 Page - New Japan Radio

  NJM2194D Datasheet HTML 1Page - New Japan Radio NJM2194D Datasheet HTML 2Page - New Japan Radio NJM2194D Datasheet HTML 3Page - New Japan Radio NJM2194D Datasheet HTML 4Page - New Japan Radio NJM2194D Datasheet HTML 5Page - New Japan Radio NJM2194D Datasheet HTML 6Page - New Japan Radio NJM2194D Datasheet HTML 7Page - New Japan Radio NJM2194D Datasheet HTML 8Page - New Japan Radio NJM2194D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2194
- 2 -
s
s
s
sBLOCK DIAGRAM
s
s
s
sABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
14
V
Power Dissipation
PD
(DIP14) 500
(DMP14) 350
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
sOPERATING VOLTAGE
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
-
4.7
12.0
13.0
V
s
s
s
sELECTRICAL CHARACTERISTICS (Ta=25
°C, V+=12V unless otherwise specified)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
L
R
OUTPUT
MODE
VR
MIN.
TYP.
MAX.
UNIT
0
0
-
Bypass
-
-
5.7
8.6
Operating Current
ICC
No Signal
0
0
-
DC
MAX
-
5.7
8.6
mA
Reference Voltage
VREF
No Signal
0
0
-
-
-
5.8
6.0
6.2
V
a
b
Vref
a:Bypass
b:Dialog Clarity
a
b
V+
GND
12
11
14
13
1
2
9
10
8
7
6
4
5
Dialog
Clarity


Similar Part No. - NJM2194D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190D NJRC-NJM2190D Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190M NJRC-NJM2190M Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190V NJRC-NJM2190V Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
More results

Similar Description - NJM2194D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62458FP MITSUBISHI-M62458FP Datasheet
45Kb / 6P
   SRS 3D SOUND PROCESSOR
logo
New Japan Radio
NJM2195 NJRC-NJM2195 Datasheet
344Kb / 17P
   SRS WOW AUDIO PROCESSOR
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com