Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80141Q20I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X80141Q20I
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80141Q20I Datasheet(HTML) 4 Page - Intersil Corporation

  X80141Q20I Datasheet HTML 1Page - Intersil Corporation X80141Q20I Datasheet HTML 2Page - Intersil Corporation X80141Q20I Datasheet HTML 3Page - Intersil Corporation X80141Q20I Datasheet HTML 4Page - Intersil Corporation X80141Q20I Datasheet HTML 5Page - Intersil Corporation X80141Q20I Datasheet HTML 6Page - Intersil Corporation X80141Q20I Datasheet HTML 7Page - Intersil Corporation X80141Q20I Datasheet HTML 8Page - Intersil Corporation X80141Q20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN8153.0
January 20, 2005
Equivalent A.C. Output Load Circuit
VREF3
V3MON Trip Point Voltage
0.85
3.50
V
X80140
2.20
2.25
2.30
V
X80141
0.85
0.90
0.95
V
X80142
1.65
1.70
1.75
V
X80143
0.85
0.90
0.95
V
X80144
0.85
0.90
0.95
V
VREF4
V4MON Trip Point Voltage
0.85
3.50
V
All Devices
0.85
0.90
0.95
V
VREF
Voltage Reference Long Term Drift
10 years
0
-100
mV
AC CHARACTERISTICS
tMR
(Note 3)
Minimum time high for reset valid
on the MR pin
5
µs
tMRE
(Note 3)
Delay from MR enable to V1GDO
HIGH
1.6
µs
tDPOR
(Note 3)
Internal Device Delay on power up
45
50
55
ms
tTO
(Note 3)
ViGDO turn off time
50
ns
Electrical Specifications (Standard Setting) Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Specifications
(Programmable Parameters) Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSPOR
Delay before RESET assertion
TPOR1 = 0 TPOR0 = 0 Factory Default
90
100
110
ms
TPOR1 = 0 TPOR0 = 1 (Note 3)
450
500
550
ms
TPOR1 = 1 TPOR0 = 0 (Note 3)
0.9
1
1.1
s
TPOR1 = 1 TPOR0 = 1 (Note 3)
4.5
5
5.5
s
tDELAYi
Time Delay used in Power Sequencing
(i = 1 to 4)
TiD1 = 0 TiD0 = 0
Factory Default
90
100
110
ms
TiD1 = 0 TiD0 = 1
(Note 3)
450
500
550
ms
TiD1 = 1 TiD0 = 0
(Note 3)
0.9
1
1.1
s
TiD1 = 1 TiD0 = 1
(Note 3)
4.5
5
5.5
s
5V
SDA
30pF
4.6k
RESET
30pF
V1GDO,
5V
4.6k
30pF
V2GDO,
V3GDO,
V4GDO
5V
4.6k
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
Output load
Standard output load
X80140, X80141, X80142, X80143, X80144


Similar Part No. - X80141Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80141Q20I RENESAS-X80141Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80141Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com