Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80130 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X80130
Description  Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80130 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X80130 Datasheet HTML 7Page - Intersil Corporation X80130 Datasheet HTML 8Page - Intersil Corporation X80130 Datasheet HTML 9Page - Intersil Corporation X80130 Datasheet HTML 10Page - Intersil Corporation X80130 Datasheet HTML 11Page - Intersil Corporation X80130 Datasheet HTML 12Page - Intersil Corporation X80130 Datasheet HTML 13Page - Intersil Corporation X80130 Datasheet HTML 14Page - Intersil Corporation X80130 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN8152.0
January 20, 2005
X80140/41/42/43
RESET
µC
VCC1
FPGA
VCC1
ASIC
VCC1
VCC2
VCC2
VCC2
On/Off
5V
Power
Supply
On/Off
1.2V
Power
Supply
On/Off
3.3V
Power
Supply
12V
V4GDO
V4MON
V3GDO
V3MON
V1GDO
V1MON
RESET
MR
5V
VCC
FIGURE 9. EXAMPLE OF RELAY POWER SUPPLY SEQUENCING
V1MON
tDELAY1
V1GDO
V1MON
threshold
Power Supply
#2 ON
Power Supply
V2MON
threshold
Power Supply
#4 ON
V3GDO
Timing Not
To Scale
Example: Four Independent
Power Supplies in relay timing
100ms
V4GDO
Programmable
Delay
Programmable
Delay
#2 OUTPUT
500ms
1sec
5sec
100ms
500ms
1sec
5sec
tDELAY3
Power Supply
#3 ON
V3MON
threshold
100ms
500ms
1sec
5sec
tDELAY4
Programmable
Delay
Power Supply
#3 OUTPUT
Power Supply
#4 OUTPUT
(12V)
(5V)
(1.2V)
(3.3V)
tSPOR
RESET
FIGURE 10. RELAY SEQUENCING OF DC-DC SUPPLIES (TIMING)
X80130, X80131, X80132, X80133, X80134


Similar Part No. - X80130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130Q20I RENESAS-X80130Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com