Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80130 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X80130
Description  Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80130 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X80130 Datasheet HTML 4Page - Intersil Corporation X80130 Datasheet HTML 5Page - Intersil Corporation X80130 Datasheet HTML 6Page - Intersil Corporation X80130 Datasheet HTML 7Page - Intersil Corporation X80130 Datasheet HTML 8Page - Intersil Corporation X80130 Datasheet HTML 9Page - Intersil Corporation X80130 Datasheet HTML 10Page - Intersil Corporation X80130 Datasheet HTML 11Page - Intersil Corporation X80130 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8152.0
January 20, 2005
Symbol Table
Pinout
Must be
steady
Will be
steady
May change
from LOW
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
WAVEFORM INPUTS
OUTPUTS
to HIGH
QFN package
(Top view)
V1GDO
V3GDO
DNC
V4MON
V3MON
V1MON
RESET
WP
V4GDO
SCL
1
2
3
4
5
67
18
19
20
8
17
(5mm x 5mm)
910
11
12
14
15
16
13
Pin Descriptions
PIN
NAME
DESCRIPTION
1V4GDO
V4 Voltage Good Delay Output (Active LOW). This open drain output goes HIGH when V4MON is less than VREF4
and goes LOW when V4MON is greater than VREF4. There is user selectable delay circuitry on this pin.
2V4MON
V4 Voltage Monitor Input. Third voltage monitor pin. If unused connect to VCC.
3V3GDO
V3 Voltage Good Delay Output (Active LOW). This open drain output goes HIGH when V3MON is less than VREF3
and goes LOW when V3MON is greater than VREF3. There is user selectable delay circuitry on this pin.
4V3MON
V3 Voltage Monitor Input. Second voltage monitor pin. If unused connect to VCC.
5
DNC
Do Not Connect.
6VP
EEPROM programming Voltage.
7VCC
Connect to VCC.
8
DNC
Do Not Connect.
9
A1
Address Select Input. It has an internal pull-down resistor. (>10M
Ω typical)
The A0 and A1 bits allow for up to 4 X80130 devices to be used on the same SMBus serial interface.
10
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device.
It has an open drain output and may be wire ORed with other open drain or open collector outputs. This pin requires
a pull up resistor and the input buffer is always active (not gated).
11
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
12
V1MON
V1 Voltage Monitor Input. First voltage monitor pin. If unused connect to VCC.
13
V1GDO
V1 Voltage Good Delay Output (Active LOW). This open drain output goes HIGH when V1MON is less than VREF1
and goes LOW when V1MON is greater than VREF1. There is user selectable delay circuitry on this pin.
14
RESET
RESET Output. This open drain pin is an active LOW output. This pin will be active until all ViGDO pins go inactive
and the power sequencing is complete. This pin will be released after a programmable delay.
15
WP
Write Protect. Input Pin. WP HIGH (in conjunction with WPEN bit=1) prevents writes to any memory location in the
device. It has an internal pull-down resistor. (>10M
Ω typical)
16
MR
Manual Reset. Pulling the MR pin HIGH initiates a RESET. The MR signal must be held HIGH for 5
µsecs. It has an
internal pull-down resistor. (>10M
Ω typical)
17
VSS
Ground Input.
18
NC
No Connect. No internal connections.
19
A0
Address Select Input. It has an internal pull-down resistor. (>10M
Ω typical)
The A0 and A1 bits allow for up to 4 X80130 devices to be used on the same SMBus serial interface.
20
VCC
Supply Voltage.
X80130, X80131, X80132, X80133, X80134


Similar Part No. - X80130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130Q20I RENESAS-X80130Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com