Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80121Q20I Datasheet(PDF) 5 Page - Intersil Corporation

Part # X80121Q20I
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80121Q20I Datasheet(HTML) 5 Page - Intersil Corporation

  X80121Q20I Datasheet HTML 1Page - Intersil Corporation X80121Q20I Datasheet HTML 2Page - Intersil Corporation X80121Q20I Datasheet HTML 3Page - Intersil Corporation X80121Q20I Datasheet HTML 4Page - Intersil Corporation X80121Q20I Datasheet HTML 5Page - Intersil Corporation X80121Q20I Datasheet HTML 6Page - Intersil Corporation X80121Q20I Datasheet HTML 7Page - Intersil Corporation X80121Q20I Datasheet HTML 8Page - Intersil Corporation X80121Q20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN8151.0
January 20, 2005
ViGDO
MR
tMR
tDELAYi
tMRE
RESET
tDELAYi
+ tSPOR
FIGURE 2. MANUAL RESET (MR)
tDELAY1
V1GDO
tDELAY4
V4GDO
tSPOR
RESET
Any ViGDO
(1st occurance)
ViMON
MR
tDELAY1
tDELAY4
tSPOR
(i= 1 to 4)
FIGURE 3. ViGDO, RESET TIMINGS
Serial Interface Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
ICC1
Active Supply Current (VCC) Read or Write to
Memory or CRs
VIL = VCC x 0.1
VIH = VCC x 0.9,
fSCL = 400kHz
2.5
mA
ILI
Input Leakage Current (SCL, WP, A0, A1)
VIL = GND to VCC
15
µA
ILO
Output Leakage Current (SDA)
VSDA = GND to VCC
Device is in Standby
15
µA
VIL
Input LOW Voltage (SDA, SCL, WP, A0, A1)
-0.5
VCC x 0.3
V
VIH
Input HIGH Voltage (SDA, SCL, WP, A0, A1)
VCC x 0.7
5.5
V
VHYS
Schmitt Trigger Input Hysteresis
Fixed input level
0.2
V
VCC related level
0.05 x 5
V
VOL
Output LOW Voltage (SDA)
IOL = 4.0mA
0.4
V
X80120, X80121


Similar Part No. - X80121Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80121Q20I RENESAS-X80121Q20I Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80121Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com