Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X80120 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X80120
Description  Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80120 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X80120 Datasheet HTML 4Page - Intersil Corporation X80120 Datasheet HTML 5Page - Intersil Corporation X80120 Datasheet HTML 6Page - Intersil Corporation X80120 Datasheet HTML 7Page - Intersil Corporation X80120 Datasheet HTML 8Page - Intersil Corporation X80120 Datasheet HTML 9Page - Intersil Corporation X80120 Datasheet HTML 10Page - Intersil Corporation X80120 Datasheet HTML 11Page - Intersil Corporation X80120 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN8151.0
January 20, 2005
Functional Description
Power On Reset and System Reset With Delay
Application of power to the X80120 activates a Power On
Reset circuit that pulls the RESET pin active. This signal, if
used, prevents the system microprocessor from starting to
operate while there is insufficient voltage on any of the
supplies. This circuit also does the following:
• It prevents the processor from operating prior to
stabilization of the oscillator.
• It allows time for an FPGA to download its configuration
prior to initialization of the circuit.
• It prevents communication to the EEPROM during
unstable power conditions, greatly reducing the likelihood
of data corruption on power up.
• It allows time for all supplies to turn on and stabilize prior
to system initialization.
The POR/RESET circuit is activated when all voltages are
within specified ranges and the V1GDO and V4GDO time-
out conditions are met. The POR/RESET circuit will then
wait tSPOR and de-assert the RESET pin. The POR delay
may be changed by setting the TPOR bits in register CR2.
The delay can be set to 100ms, 500ms, 1 second, or 5
seconds.
Pin Descriptions
PIN
NAME
DESCRIPTION
1V4GDO
V4 Voltage Good Delay Output (Active LOW). This open drain output goes HIGH when V4MON is less than VREF4
and goes LOW when V4MON is greater than VREF4. There is user selectable delay circuitry on this pin.
2
V4MON
V4 Voltage Monitor Input. Second voltage monitor pin. If unused connect to VCC.
3
DNC
Do Not Connect
4VCC
Connect to VCC.
5
DNC
Do Not Connect.
6VP
EEPROM programming Voltage.
7VCC
Connect to VCC.
8
DNC
Do Not Connect.
9
A1
Address Select Input. It has an internal pull-down resistor. (>10M
Ω typical)
The A0 and A1 bits allow for up to 4 X80120 devices to be used on the same SMBus serial interface.
10
SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open drain output and
may be wire ORed with other open drain or open collector outputs. This pin requires a pull up resistor and the input
buffer is always active (not gated).
11
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
12
V1MON
V1 Voltage Monitor Input. First voltage monitor pin. If unused connect to VCC.
13
V1GDO
V1 Voltage Good Delay Output (Active LOW). This open drain output goes HIGH when V1MON is less than VREF1
and goes LOW when V1MON is greater than VREF1. There is user selectable delay circuitry on this pin.
14
RESET
RESET Output. This open drain pin is an active LOW output. This pin will be active until all ViGDO pins go inactive and
the power sequencing is complete. This pin will be released after a programmable delay.
15
WP
Write Protect. Input Pin. WP HIGH (in conjunction with WPEN bit=1) prevents writes to any memory location in the
device. It has an internal pull-down resistor. (>10M
typical)
16
MR
Manual Reset. Pulling the MR pin HIGH initiates a RESET. The MR signal must be held HIGH for 5
µsecs. It has an
internal pull-down resistor. (>10M
typical)
17
VSS
Ground Input.
18
NC
No Connect. No internal connections.
19
A0
Address Select Input. It has an internal pull-down resistor. (>10M
typical) The A0 and A1 bits allow for up to 4
X80120 devices to be used on the same SMBus serial interface.
20
VCC
Supply Voltage.
TABLE 1. POR RESET DELAY OPTIONS
TPOR1
TPOR0
tSPOR DELAY BEFORE RESET
ASSERTION
0
0
100 miliseconds (default)
0
1
500 miliseconds
1
0
1 second
1
1
5 seconds
X80120, X80121


Similar Part No. - X80120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80120Q20I RENESAS-X80120Q20I Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com