Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33761 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33761
Description  Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33761 Datasheet HTML 1Page - ON Semiconductor MC33761 Datasheet HTML 2Page - ON Semiconductor MC33761 Datasheet HTML 3Page - ON Semiconductor MC33761 Datasheet HTML 4Page - ON Semiconductor MC33761 Datasheet HTML 5Page - ON Semiconductor MC33761 Datasheet HTML 6Page - ON Semiconductor MC33761 Datasheet HTML 7Page - ON Semiconductor MC33761 Datasheet HTML 8Page - ON Semiconductor MC33761 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33761
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
(For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, max TJ = 125°C unless otherwise noted)
Characteristics
Pin #
Symbol
Min
Typ
Max
Unit
Output Voltages
Vout + 1.0 V < Vin < 6.0 V, TA = 25°C, 1.0 mA < Iout < 80 mA
2.5 V
5
Vout
2.462
2.5
2.537
V
2.8 V
5
Vout
2.758
2.8
2.842
V
2.9 V
5
Vout
2.857
2.9
2.943
V
3.0 V
5
Vout
2.955
3.0
3.045
V
5.0 V
5
Vout
4.925
5.0
5.075
V
Other Voltages up to 5.0 V Available in 50 mV Increment Steps
5
Vout
−1.5
X
+1.5
%
Vout + 1.0 V < Vin < 6.0 V, TA = −40°C to +85°C, 1.0 mA < Iout < 80 mA
2.5 V
5
Vout
2.425
2.5
2.575
V
2.8 V
5
Vout
2.716
2.8
2.884
V
2.9 V
5
Vout
2.813
2.9
2.987
3.0 V
5
Vout
2.91
3.0
3.090
V
5.0 V
5
Vout
4.850
5.0
5.150
V
Other Voltages up to 5.0 V Available in 50 mV Increment Steps
5
Vout
−3.0
X
+3.0
%
Line and Load Regulation, Dropout Voltages
Line Regulation (all versions)
Vout + 1.0 V < Vin < 12 V, Iout = 80 mA
5/1
Regline
20
mV
Load Regulation (all versions)
Vin = Vout + 1.0 V, Cout = 1.0 mF, Iout = 1.0 to 80 mA
5
Regload
40
mV
Dropout Voltage (all versions) (Note 4)
Iout = 30 mA
Iout = 60 mA
Iout = 80 mA
5
5
5
Vin−Vout
Vin−Vout
Vin−Vout
90
140
160
150
200
250
mV
Dynamic Parameters
Ripple Rejection (all versions)
Vin = Vout + 1.0 V + 1.0 kHz 100 mVpp Sinusoidal Signal
5/1
Ripple
−70
dB
Output Noise Density @ 1.0 kHz
5
150
nV/
√Hz
RMS Output Noise Voltage (all versions)
Cout = 1.0 mF, Iout = 50 mA, F = 100 Hz to 1.0 MHz
5
Noise
35
mV
Output Rise Time (all versions) Cout = 1.0 mF, Iout = 50 mA,
10% of Rising ON Signal to 90% of Nominal Vout
5
trise
40
ms
Thermal Shutdown
Thermal Shutdown (all versions)
125
°C
4. Vout is brought to Vout − 100 mV.


Similar Part No. - MC33761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33761SNT1-025 ONSEMI-MC33761SNT1-025 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-025G ONSEMI-MC33761SNT1-025G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028 ONSEMI-MC33761SNT1-028 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028G ONSEMI-MC33761SNT1-028G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
More results

Similar Description - MC33761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com