Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008C-41 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X60008C-41
Description  Precison 4.096V FGA Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-41 Datasheet(HTML) 1 Page - Intersil Corporation

  X60008C-41 Datasheet HTML 1Page - Intersil Corporation X60008C-41 Datasheet HTML 2Page - Intersil Corporation X60008C-41 Datasheet HTML 3Page - Intersil Corporation X60008C-41 Datasheet HTML 4Page - Intersil Corporation X60008C-41 Datasheet HTML 5Page - Intersil Corporation X60008C-41 Datasheet HTML 6Page - Intersil Corporation X60008C-41 Datasheet HTML 7Page - Intersil Corporation X60008C-41 Datasheet HTML 8Page - Intersil Corporation X60008C-41 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN8142.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X60008B-41, X60008C-41, X60008D-41
Precision 4.096V FGA™ Voltage
Reference
FEATURES
• Output Voltage: 4.096V
• Absolute Initial Accuracy Options:
±0.5mV & ±1.0mV
• Ultra Low Power Supply Current: 500nA
• Low Temperature Coefficient options:
3, 5 & 10ppm/°C
• 10 mA Source & Sink Current Capability
• 10 ppm/1000hrs Long Term Stability
• Very Low Dropout Voltage: 100 mV @ no load
• Supply Voltage Range: 4.5V to 9.0V
• 5kV ESD (Human Body Model)
• Standard Package: SOIC-8
• Temp Range: -40°C to +85°C
DESCRIPTION
The X60008-41 FGA™ voltage references are very
high precision analog voltage references fabricated in
Intersil’s proprietary Floating Gate Analog technology,
which achieves superior levels of performance when
compared to conventional band gap, buried zener, or
XFET™ technologies.
FGA™ voltage references feature very high initial
accuracy, very low temperature coefficient, excellent
long term stability, low noise and excellent line and
load regulation, at the lowest power consumption
currently available. These voltage references enable
advanced applications for precision industrial &
portable systems operating at significantly higher
accuracy and lower power levels than can be achieved
with conventional technologies.
APPLICATIONS
• High Resolution A/Ds & D/As
• Precision Current Sources
• Smart sensors
• Digital Meters
• Precision Regulators
• Strain Gage Bridges
• Calibration Systems
• Precision Oscillators
• Threshold Detectors
• V-F Converters
• Battery Management Systems
• Servo Systems
TYPICAL APPLICATION
VIN = +5.0V
0.1µF
Serial
Bus
VIN V
OUT
GND
X60008-41
Enable
SCK
SDAT
A/D Converter
16 to 24-bit
REF IN
10µF
0.001µF(
*)
(
*)Also see Figure 3 in Applications Information
Data Sheet
March 14, 2005


Similar Part No. - X60008C-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-41 INTERSIL-X60008C-41 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
More results

Similar Description - X60008C-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008E-41 INTERSIL-X60008E-41_06 Datasheet
311Kb / 10P
   Precision 4.096V FGA??Voltage
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
logo
DATEL, Inc.
PVR-1540 DATEL-PVR-1540 Datasheet
263Kb / 3P
   4.096V Micropower Voltage Reference
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com