Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1824433 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1824433
Description  PCB terminal block - SPT-SMD 1,5/ 4-V-5,08 R44
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1824433 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1824433 Datasheet HTML 1Page - PHOENIX CONTACT 1824433 Datasheet HTML 2Page - PHOENIX CONTACT 1824433 Datasheet HTML 3Page - PHOENIX CONTACT 1824433 Datasheet HTML 4Page - PHOENIX CONTACT 1824433 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1824433
05/20/2016   Page 3 / 5
PCB terminal block - SPT-SMD 1,5/ 4-V-5,08 R44 - 1824433
Classifications
eCl@ss
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
eCl@ss 9.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 5.0
EC002643
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
24-16
24-16
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 1824433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824434 PHOENIX-1824434 Datasheet
151Kb / 6P
   MSTB 2,5/10-G-5,08
More results

Similar Description - 1824433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824873 PHOENIX-1824873 Datasheet
106Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 4-H-5,08 R44
1824446 PHOENIX-1824446 Datasheet
103Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 5-V-5,08 R44
1824459 PHOENIX-1824459 Datasheet
103Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 6-V-5,08 R44
1824213 PHOENIX-1824213 Datasheet
103Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 4-V-3,81 R44
1824103 PHOENIX-1824103 Datasheet
103Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 4-V-3,5 R44
1824323 PHOENIX-1824323 Datasheet
101Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 4-V-5,0 R44
1824899 PHOENIX-1824899 Datasheet
106Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 6-H-5,08 R44
1824885 PHOENIX-1824885 Datasheet
106Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 5-H-5,08 R44
1824116 PHOENIX-1824116 Datasheet
103Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 5-V-3,5 R44
1824349 PHOENIX-1824349 Datasheet
101Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 6-V-5,0 R44
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com