Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S8535 Datasheet(PDF) 31 Page - ATMEL Corporation

Part No. AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 27Page - ATMEL Corporation AT90S8535 Datasheet HTML 28Page - ATMEL Corporation AT90S8535 Datasheet HTML 29Page - ATMEL Corporation AT90S8535 Datasheet HTML 30Page - ATMEL Corporation AT90S8535 Datasheet HTML 31Page - ATMEL Corporation AT90S8535 Datasheet HTML 32Page - ATMEL Corporation AT90S8535 Datasheet HTML 33Page - ATMEL Corporation AT90S8535 Datasheet HTML 34Page - ATMEL Corporation AT90S8535 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 127 page
background image
31
AT90S/LS8535
1041H–11/01
Comparator Interrupt is not required, the Analog Comparator can be powered down by
setting the ACD-bit in the Analog Comparator Control and Status Register (ACSR). This
will reduce power consumption in Idle Mode. When the MCU wakes up from Idle Mode,
the CPU starts program execution immediately.
Power-down Mode
When the SM1/SM0 bits are set to 10, the SLEEP instruction makes the MCU enter the
Power-down mode. In this mode, the external oscillator is stopped while the external
interrupts and the Watchdog (if enabled) continue operating. Only an external reset, a
Watchdog reset (if enabled) or an external level interrupt can wake up the MCU.
Note that when a level-triggered interrupt is used for wake-up from power-down, the low
level must be held for a time longer than the reset delay Time-out period t
TOUT.
When waking up from Power-down mode, a delay from the wake-up condition occurs
until the wake-up becomes effective. This allows the clock to restart and become stable
after having been stopped. The wake-up period is equal to the reset period, as shown in
Table 3 on page 22.
If the wake-up condition disappears before the MCU wakes up and starts to execute,
e.g., a low-level on is not held long enough, the interrupt causing the wake-up will not be
executed.
Power Save Mode
When the SM1/SM0 bits are 11, the SLEEP instruction makes the MCU enter the Power
Save Mode. T h is mode is identical to Power -down, with one except ion: If
Timer/Counter2 is clocked asynchronously, i.e., the AS2 bit in ASSR is set,
Timer/Counter2 will run during sleep. In addition to the power-down wake-up sources,
the device can also wake up from either a Timer Overflow or Output Compare event
from Timer/Counter2 if the corresponding Timer/Counter2 interrupt enable bits are set in
TIMSK and the global interrupt enable bit in SREG is set.
When waking up from Power Save Mode by an external interrupt, two instruction cycles
are executed before the interrupt flags are updated. When waking up by the asynchro-
nous timer, three instruction cycles are executed before the flags are updated. During
these cycles, the processor executes instructions, but the interrupt condition is not read-
able and the interrupt routine has not started yet.
When waking up from Power Save Mode by an asynchronous timer interrupt, the part
will wake up even if global interrupts are disabled. To ensure that the part executes the
interrupt routine when waking up, also set the global interrupt enable bit in SREG.
If the asynchronous timer is not clocked asynchronously, Power-down mode is recom-
mended instead of Power Save Mode because the contents of the registers in the
asynchronous timer should be considered undefined after wake-up in Power Save
Mode, even if AS2 is 0.


Similar Part No. - AT90S8535

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
List of Unclassifed Manufacturers
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
   AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
ATMEL Corporation
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
   8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT90S8535

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz