Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S8535 Datasheet(PDF) 17 Page - ATMEL Corporation

Part No. AT90S8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8535 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT90S8535 Datasheet HTML 13Page - ATMEL Corporation AT90S8535 Datasheet HTML 14Page - ATMEL Corporation AT90S8535 Datasheet HTML 15Page - ATMEL Corporation AT90S8535 Datasheet HTML 16Page - ATMEL Corporation AT90S8535 Datasheet HTML 17Page - ATMEL Corporation AT90S8535 Datasheet HTML 18Page - ATMEL Corporation AT90S8535 Datasheet HTML 19Page - ATMEL Corporation AT90S8535 Datasheet HTML 20Page - ATMEL Corporation AT90S8535 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
17
AT90S/LS8535
1041H–11/01
I/O Memory
The I/O space definition of the AT90S8535 is shown in Table 1.
Table 1. AT90S8535 I/O Space
I/O Address
(SRAM Address)
Name
Function
$3F ($5F)
SREG
Status REGister
$3E ($5E)
SPH
Stack Pointer High
$3D ($5D)
SPL
Stack Pointer Low
$3B ($5B)
GIMSK
General Interrupt MaSK register
$3A ($5A)
GIFR
General Interrupt Flag Register
$39 ($59)
TIMSK
Timer/Counter Interrupt MaSK register
$38 ($58)
TIFR
Timer/Counter Interrupt Flag register
$35 ($55)
MCUCR
MCU general Control Register
$34 ($45)
MCUSR
MCU general Status Register
$33 ($53)
TCCR0
Timer/Counter0 Control Register
$32 ($52)
TCNT0
Timer/Counter0 (8-bit)
$2F ($4F)
TCCR1A
Timer/Counter1 Control Register A
$2E ($4E)
TCCR1B
Timer/Counter1 Control Register B
$2D ($4D)
TCNT1H
Timer/Counter1 High Byte
$2C ($4C)
TCNT1L
Timer/Counter1 Low Byte
$2B ($4B)
OCR1AH
Timer/Counter1 Output Compare Register A High Byte
$2A ($4A)
OCR1AL
Timer/Counter1 Output Compare Register A Low Byte
$29 ($49)
OCR1BH
Timer/Counter1 Output Compare Register B High Byte
$28 ($48)
OCR1BL
Timer/Counter1 Output Compare Register B Low Byte
$27 ($47)
ICR1H
T/C 1 Input Capture Register High Byte
$26 ($46)
ICR1L
T/C 1 Input Capture Register Low Byte
$25 ($45)
TCCR2
Timer/Counter2 Control Register
$24 ($44)
TCNT2
Timer/Counter2 (8-bit)
$23 ($43)
OCR2
Timer/Counter2 Output Compare Register
$22 ($42)
ASSR
Asynchronous Mode Status Register
$21 ($41)
WDTCR
Watchdog Timer Control Register
$1F ($3E)
EEARH
EEPROM Address Register High Byte
$1E ($3E)
EEARL
EEPROM Address Register Low Byte
$1D ($3D)
EEDR
EEPROM Data Register
$1C ($3C)
EECR
EEPROM Control Register
$1B ($3B)
PORTA
Data Register, Port A
$1A ($3A)
DDRA
Data Direction Register, Port A
$19 ($39)
PINA
Input Pins, Port A
$18 ($38)
PORTB
Data Register, Port B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn