Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40626V14I-4.5A Datasheet(PDF) 3 Page - Intersil Corporation

Part # X40626V14I-4.5A
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40626V14I-4.5A Datasheet(HTML) 3 Page - Intersil Corporation

  X40626V14I-4.5A Datasheet HTML 1Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 2Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 3Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 4Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 5Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 6Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 7Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 8Page - Intersil Corporation X40626V14I-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN8119.0
March 28, 2005
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X40626 activates a power-
on Reset Circuit that pulls the RESET pin active. This
signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP threshold value
for tPURST (200ms nominal) the circuit releases
RESET allowing the system to begin operation.
LOW VOLTAGE MONITORING
During operation, the X40626 monitors the VCC level
and asserts RESET if supply voltage falls below a pre-
set minimum VTRIP. The RESET signal prevents the
microprocessor from operating in a power fail or
brownout condition. The RESET signal remains active
until the voltage drops below 1V. It also remains active
until VCC returns and exceeds VTRIP for 200ms.
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. The
microprocessor must toggle the SDA pin HIGH to
LOW periodically, while SCL is HIGH (this is a start bit)
prior to the expiration of the watchdog time-out period to
prevent a RESET signal. The state of two nonvolatile
control bits in the Status Register determine the watch-
dog timer period. The microprocessor can change
these watchdog bits, or they may be “locked” by tying
the WP pin HIGH.
EEPROM INADVERTENT WRITE PROTECTION
When RESET goes active as a result of a low voltage
condition or Watchdog Timer Time-Out, any in-
progress
communications
are
terminated.
While
RESET is active, no new communications are allowed
and no non-volatile write operation can start. Non-vol-
atile writes in-progress when RESET goes active are
allowed to finish.
Additional protection mechanisms are provided with
memory Block Lock and the Write Protect (WP) pin.
These are discussed elsewhere in this document.
VCC/V2MON THRESHOLD RESET PROCEDURE
The X40626 is shipped with a standard VCC threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or if
higher precision is needed in the VTRIP value, the
X40626 threshold may be adjusted. The procedure is
described below, and uses the application of a nonvol-
atile control signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher or
lower voltage value. It is necessary to reset the trip
point before setting the new value.
The VCC and V2MON must be tied together during this
sequence.
To set the new VTRIP voltage, start by setting the WEL
bit in the control register, then apply the desired VTRIP
threshold voltage to the VCC pin and the programming
voltage, VP, to the WP pin and 2 byte address and 1
byte of “00” data. The stop bit following a valid write
operation initiates the VTRIP programming sequence.
Bring WP LOW to complete the operation.
Figure 1. Set VTRIP Level Sequence (VCC/V2MON = desired VTRIP values, WP = 12-15V when WEL bit set)
01 2 3 45 67
SCL
SDA
A0H
01 2 3 45 67
00H
WP
VP = 12-15V
01 2 3 45 67
xxH*
0 1 2 3 456 7
00H
*for VVTRIP2 address is 0DH
for VTRIP address is 01H
X40626


Similar Part No. - X40626V14I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40626V14I-4.5A XICOR-X40626V14I-4.5A Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14I-4.5A RENESAS-X40626V14I-4.5A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626V14I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com