Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40420V14-B Datasheet(PDF) 3 Page - Intersil Corporation

Part # X40420V14-B
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420V14-B Datasheet(HTML) 3 Page - Intersil Corporation

  X40420V14-B Datasheet HTML 1Page - Intersil Corporation X40420V14-B Datasheet HTML 2Page - Intersil Corporation X40420V14-B Datasheet HTML 3Page - Intersil Corporation X40420V14-B Datasheet HTML 4Page - Intersil Corporation X40420V14-B Datasheet HTML 5Page - Intersil Corporation X40420V14-B Datasheet HTML 6Page - Intersil Corporation X40420V14-B Datasheet HTML 7Page - Intersil Corporation X40420V14-B Datasheet HTML 8Page - Intersil Corporation X40420V14-B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
March 28, 2005
6
RESET/
RESET
RESET Output. (X40421) This open drain pin is an active LOW output which goes LOW whenever
VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active for the pro-
grammed time period (tPURST) on power-up. It will also stay active until manual reset is released and
for tPURST thereafter.
RESET Output. (X40420) This pin is an active HIGH open drain output which goes HIGH whenever
VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active for the pro-
grammed time period (tPURST) on power-up. It will also stay active until manual reset is released and
for tPURST thereafter.
7VSS
Ground
8SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open
drain output and may be wire ORed with other open drain or open collector outputs. This pin requires
a pull up resistor and the input buffer is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to LOW
and followed by a stop condition) restarts the Watchdog timer. The absence of this transition within
the watchdog time out period results in WDO going active.
9SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
10
WP
Write Protect. WP HIGH prevents writes to any location in the device (including all the registers). It
has an internal pull down resistor. (>10M
Ω typical)
11
VBATT
Battery Supply Voltage. This input provides a backup supply in the event of a failure of the
primary VCC voltage. The VBATT voltage typically provides the supply voltage necessary to
maintain the contents of SRAM and also powers the internal logic to “stay awake.” If the battery is not
used, connect VBATT to ground.
12
VOUT
Output Voltage. (V)
VOUT = VCC if VCC > VTRIP1.
IF VCC < VTRIP1
then VOUT = VCC if VCC > VBATT + 0.03V
else VOUT = VBATT (ie if VCC < VBATT - 0.03V)
Note: There is hysteresis around VBATT ± 0.03V point to avoid oscillation at or near the
switchover voltage. A capacitance of 0.1µF must be connected to VOUT to ensure stability.
13
BATT-ON
Battery On. This CMOS output goes HIGH when the VOUT switches to VBATT and goes LOW when
VOUT switches to VCC. It is used to drive an external PNP pass transistor when VCC = VOUT and current
requirements are greater than 50mA.
The purpose of this output is to drive an external transistor to get higher operating currents when the
VCC supply is fully functional. In the event of a VCC failure, the battery voltage is applied to the VOUT
pin and the external transistor is turned off. In this “backup condition,” the battery only needs to supply
enough voltage and current to keep SRAM devices from losing their data–there is no communication
at this time.
14
VCC
Supply Voltage
PIN DESCRIPTION (Continued)
Pin
Name
Function
X40420, X40421


Similar Part No. - X40420V14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420V14-B INTERSIL-X40420V14-B Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420V14-B RENESAS-X40420V14-B Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40420V14-B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com