Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805JR0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CC0805JR0
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC0805JR0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CC0805JR0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC0805JR0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
3
8
SERIES
CC
X7R, 16V to 100V
CAPACITANCE RANGE & THICKNESS FOR 16V & 25V
Table 2
CAPACITANCE
16V
25V
(nF)
0402
0603
0805
1206
0402
0603
0805
1206
1210
3.3
4.7
0.5±0.05
6.8
10
15
22
0.5±0.05
0.8±0.07
33
0.6±0.1
47
68
0.6±0.1
100
0.8±0.07
0.85±0.1
150
220
0.85±0.1
0.85±0.1
0.5 to 1.0
330
0.85±0.1
1.15±0.1
470
1.25±0.1
680
1.15±0.1
1,000


Similar Part No. - CC0805JR0

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805JR510NF YAGEO-CC0805JR510NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805JR5BB YAGEO-CC0805JR5BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805JR610NF YAGEO-CC0805JR610NF Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805JR6BB YAGEO-CC0805JR6BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805JR7BB YAGEO-CC0805JR7BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805JR0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com