Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40420V14-A Datasheet(PDF) 9 Page - Intersil Corporation

Part # X40420V14-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420V14-A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X40420V14-A Datasheet HTML 5Page - Intersil Corporation X40420V14-A Datasheet HTML 6Page - Intersil Corporation X40420V14-A Datasheet HTML 7Page - Intersil Corporation X40420V14-A Datasheet HTML 8Page - Intersil Corporation X40420V14-A Datasheet HTML 9Page - Intersil Corporation X40420V14-A Datasheet HTML 10Page - Intersil Corporation X40420V14-A Datasheet HTML 11Page - Intersil Corporation X40420V14-A Datasheet HTML 12Page - Intersil Corporation X40420V14-A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
March 28, 2005
Figure 7. Valid Data Changes on the SDA Bus
At power-up, the Fault Detection Register is defaulted
to all “0”. The system needs to initialize this register to
all “1” before the actual monitoring take place. In the
event of any one of the monitored sources failed. The
corresponding bits in the register will change from a
“1” to a “0” to indicate the failure. At this moment, the
system should perform a read to the register and
noted the cause of the reset. After reading the register
the system should reset the register back to all “1”
again. The state of the Fault Detection Register can be
read at any time by performing a random read at
address 0FFh, using the special preamble.
The FDR can be read by performing a random read at
0FFh address of the register at any time. Only one
byte of data is read by the register read operation.
MRF, Manual Reset Fail Bit (Volatile)
The MRF bit will set to “0” when Manual Reset input
goes active.
WDF, Watchdog Timer Fail Bit (Volatile)
The WDF bit will set to “0” when WDO goes active.
LV1F, Low VCC Reset Fail Bit (Volatile)
The LV1F bit will be set to “0” when VCC (V1MON)
falls below VTRIP1.
LV2F, Low V2MON Reset Fail Bit (Volatile)
The LV2F bit will be set to “0” when V2MON falls
below VTRIP2.
Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. Therefore, the devices in this fam-
ily operate as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 7.
Serial Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition has been
met. See Figure 8.
Serial Stop Condition
All communications must be terminated by a stop con-
dition, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used to place
the device into the Standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. See Figure 8.
SCL
SDA
Data Stable
Data Change
Data Stable
X40420, X40421


Similar Part No. - X40420V14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420V14-A INTERSIL-X40420V14-A Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420V14-A RENESAS-X40420V14-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40420V14-A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com