Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9530B15I-T1 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9530B15I-T1
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530B15I-T1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9530B15I-T1 Datasheet HTML 3Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 4Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 5Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 6Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 7Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 8Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 9Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 10Page - Intersil Corporation X9530B15I-T1 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
FN8211.0
March 10, 2005
I2FSO1–I2FSO0: CURRENT GENERATOR 2 FULL
SCALE OUTPUT CURRENT SET BITS (NON-VOLATILE)
These two bits are used to set the full scale output
current at the Current Generator 2 pin, I2. If both bits
are set to “0” (default), an external resistor connected
between pin R2 and Vss, determines the full scale
output current available at pin I2. The other three
options are indicated in the table below. The direction
of this current is set by bit I2DS in Control Register 0.
*No external resistor should be connected in these cases between
R2 and VSS.
L1DAS: LUT1 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit L1DAS is set to “0” (default), LUT1 is
addressed by the output of the on-chip A/D converter.
When bit L1DAS is set to “1”, LUT1 is addressed by
bits L1DA5 - L1DA0.
D1DAS: D/A 1 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit D1DAS is set to “0” (default), the input to the
D/A converter 1 is a row of LUT1. When bit D1DAS is
set to “1”, that input is the content of the Control
register 3.
L2DAS: LUT2 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit L2DAS is set to “0” (default), LUT2 is
addressed by the output of the on-chip A/D converter.
When bit L2DAS is set to “1”, LUT2 is addressed by
bits L2DA5 - L2DA0.
D2DAS: D/A 2 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit D2DAS is set to “0” (default), the input to the
D/A converter 2 is a row of LUT2. When bit D2DAS is
set to “1”, that input is the content of the Control
register 4.
Control Register 6
This register is accessed by performing a Read or
Write operation to address 86h of memory.
WEL: WRITE ENABLE LATCH (VOLATILE)
The WEL bit controls the Write Enable status of the
entire X9530 device. This bit must be set to “1” before
any other Write operation (volatile or nonvolatile).
Otherwise, any proceeding Write operation to memory
is aborted and no ACK is issued after a Data Byte.
The WEL bit is a volatile latch that powers up in the “0”
state (disabled). The WEL bit is enabled by writing
100000002 to Control register 6. Once enabled, the
WEL bit remains set to “1” until the X9530 is powered
down, and then up again, or until it is reset to “0” by
writing 000000002 to Control register 6.
A Write operation that modifies the value of the WEL
bit will not cause a change in other bits of Control
register 6.
Status Register - ADC Output
This register is accessed by performing a Read
operation to address 87h of memory.
AD5 - AD0: A/D CONVERTER OUTPUT BITS (READ
ONLY
)
These six bits are the binary output of the on-chip A/D
converter. The output is 0000002 for minimum input
and 1111112 for full scale input.
I2FSO1
I2FSO0
I2 Full Scale Output Current
0
0
Set externally via pin R2 (Default)
01
±0.4mA*
10
±0.85 mA*
11
±1.3 mA*
X9530


Similar Part No. - X9530B15I-T1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530B15I-T1 XICOR-X9530B15I-T1 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
More results

Similar Description - X9530B15I-T1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com